Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7132 Datasheet(PDF) 5 Page - Cirrus Logic

Part # WM7132
Description  Bottom Port Analog Silicon Microphone
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7132 Datasheet(HTML) 5 Page - Cirrus Logic

  WM7132 Datasheet HTML 1Page - Cirrus Logic WM7132 Datasheet HTML 2Page - Cirrus Logic WM7132 Datasheet HTML 3Page - Cirrus Logic WM7132 Datasheet HTML 4Page - Cirrus Logic WM7132 Datasheet HTML 5Page - Cirrus Logic WM7132 Datasheet HTML 6Page - Cirrus Logic WM7132 Datasheet HTML 7Page - Cirrus Logic WM7132 Datasheet HTML 8Page - Cirrus Logic WM7132 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
WM7132PE
Rev 4.0
5
ACOUSTIC AND ELECTRICAL CHARACTERISTICS
Test Conditions: VDD=2.1V, 1kHz test signal, TA = 25°C, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Directivity
Omni-directional
Polarity
Positive sound pressure
Positive output voltage
Sensitivity
S
94dB SPL
-39
-38
-37
dBV
Acoustic Overload
No Load, THD < 10%
126
dB SPL
Total Harmonic Distortion
THD
100dB SPL
0.1
1
%
114dB SPL
0.2
122 dB SPL
1
Signal to Noise Ratio
SNR
A-weighted
65
dB
Dynamic Range
DR
A-weighted
93
dB
Frequency Response
-3dB low frequency
62
Hz
+3dB high frequency
12500
Frequency Response Flatness
200Hz to 6kHz
-1
+1
dB
Acoustic Noise Floor
A-weighted
29
dB SPL
Electrical Noise Floor
A-weighted
-103
dBV
Power Supply Rejection Ratio
PSRR
217Hz sine wave,
100mV (peak-peak)
53
dB
Power Supply Rejection
PSR
217Hz square wave,
100mV (peak-peak)
-79
dBV
Current Consumption
IVDD
190
240
µA
Output DC Impedance
ZOUT
55
150
Ω
TERMINOLOGY
1.
Sensitivity (dBV) - Sensitivity is a measure of the microphone output response to the acoustic pressure of a 1kHz 94dB SPL
(1Pa RMS) sine wave.
2.
Total Harmonic Distortion (%)
– THD is the ratio of the RMS sum of the harmonic distortion products in the specified bandwidth
(see note below) relative to the amplitude of the fundamental (ie. test frequency) output.
3.
Signal-to-Noise Ratio (dB)
– SNR is a measure of the difference in level between the output response of a 1kHz 94dB SPL
sine wave and the idle noise output.
4.
Dynamic Range (dB)
– DR is the ratio of the 1% THD microphone output level (in response to a sine wave input) and the idle
noise output level.
5.
All performance measurements are carried out within a 20Hz to 20kHz bandwidth and, where noted, an A-weighted filter.
Failure to use these filters will result in higher THD and lower SNR values than are found in the Acoustic and Electrical
Characteristics. The low pass filter removes out of band noise.


Similar Part No. - WM7132

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132E WOLFSON-WM7132E Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
More results

Similar Description - WM7132

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
   Bottom Port Analog Silicon Microphone
WM7331E CIRRUS-WM7331E Datasheet
787Kb / 12P
   Bottom Port Analog Silicon Microphone
CS7331P CIRRUS-CS7331P Datasheet
174Kb / 11P
   Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPW0878LR5H-1 KNOWLES-SPW0878LR5H-1 Datasheet
3Mb / 10P
   ANALOG BOTTOM PORT SISONIC™ MICROPHONE
2020
logo
Cirrus Logic
CS7331 CIRRUS-CS7331 Datasheet
168Kb / 10P
   Miniature Bottom Port Analog MEMS Microphone
logo
Knowles Electronics
SPV61A0LR5H-1 KNOWLES-SPV61A0LR5H-1 Datasheet
2Mb / 9P
   ANALOG BOTTOM PORT SISONIC™ MICROPHONE
Rev. A
logo
Wolfson Microelectronic...
WM7133L WOLFSON-WM7133L Datasheet
296Kb / 13P
   Bottom Port Analogue Silicon Microphone
WM7130A WOLFSON-WM7130A Datasheet
340Kb / 12P
   Bottom Port Analogue Silicon Microphone
WM7132 WOLFSON-WM7132 Datasheet
338Kb / 12P
   Bottom Port Analogue Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com