Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WM7121 Datasheet(PDF) 8 Page - Cirrus Logic

Part # WM7121
Description  Top Port Analog Silicon Microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM7121 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button WM7121 Datasheet HTML 4Page - Cirrus Logic WM7121 Datasheet HTML 5Page - Cirrus Logic WM7121 Datasheet HTML 6Page - Cirrus Logic WM7121 Datasheet HTML 7Page - Cirrus Logic WM7121 Datasheet HTML 8Page - Cirrus Logic WM7121 Datasheet HTML 9Page - Cirrus Logic WM7121 Datasheet HTML 10Page - Cirrus Logic WM7121 Datasheet HTML 11Page - Cirrus Logic WM7121 Datasheet HTML 12Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WM7121PE
8
Rev 4.1
CONNECTION TO A CIRRUS LOGIC CODEC
Cirrus Logic provides a range of audio CODECs incorporating an analog microphone input interface;
these support connection to silicon microphones such as the WM7121P.
The recommended connection of a WM7121P silicon microphone is illustrated in Figure 2 (for single-
ended mode) and Figure 3 (for pseudo-differential mode).
A DC blocking capacitor is required, as described in the previous section. A 2.2µF decoupling
capacitor is also recommended; this should be positioned close to the VDD pin of the WM7121P.
Further information on Cirrus Logic audio CODECs is provided in the respective product datasheet,
which is available from the Cirrus Logic website.
Audio CODEC
OUTPUT
MICBIAS
Analogue Input pin
(eg. IN1xP)
VDD
GND
1
F
WM7121P
2.2
F
Figure 2 WM7121P Silicon Microphone Single-ended Connection
1
F
Audio CODEC
OUTPUT
MICBIAS
Non-Inverting Input pin
(eg. IN1xP)
VDD
GND
1
F
Inverting Input pin
(eg. IN1xN)
WM7121P
2.2
F
Figure 3 WM7121P Silicon Microphone Pseudo-differential Connection
MATCHED MICROPHONE PAIRS
The WM7121P Top Port microphone offers matched performance to the WM7132P Bottom Port
microphone.
Matched microphone pairs are ideal for accurate sound pick-up from opposite directions in slim, low-
profile applications. For best acoustic matching, the Top Port and Bottom Port microphones should be
positioned close together, on the same side of the PCB.
The WM7121P and WM7132P microphones offer matched sensitivity, low-frequency roll-off, and
phase response characteristics, enabling simplified system design when using these complementary
devices.


Similar Part No. - WM7121

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7121E WOLFSON-WM7121E Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
WM7121PE WOLFSON-WM7121PE Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
More results

Similar Description - WM7121

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM7120A WOLFSON-WM7120A Datasheet
178Kb / 12P
Top Port Analogue Silicon Microphone
WM7121 WOLFSON-WM7121 Datasheet
219Kb / 12P
Top Port Analogue Silicon Microphone
WM7210 WOLFSON-WM7210 Datasheet
247Kb / 12P
Top Port Digital Silicon Microphone
WM7220 WOLFSON-WM7220 Datasheet
254Kb / 12P
Top Port Digital Silicon Microphone
WM7211 WOLFSON-WM7211 Datasheet
305Kb / 14P
Top Port Digital Silicon Microphone
WM7121P WOLFSON-WM7121P Datasheet
300Kb / 13P
Top Port Analogue Silicon Microphone
logo
Cirrus Logic
WM7132 CIRRUS-WM7132 Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
WM7331 CIRRUS-WM7331 Datasheet
787Kb / 12P
Bottom Port Analog Silicon Microphone
WM7121PE CIRRUS-WM7121PE Datasheet
704Kb / 12P
Top Port Analog Silicon Microphone
WM7132PE CIRRUS-WM7132PE Datasheet
727Kb / 12P
Bottom Port Analog Silicon Microphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com