Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S9018-SOT23 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # S9018-SOT23
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

S9018-SOT23 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  S9018-SOT23 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD S9018-SOT23 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD S9018-SOT23 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
High current gain bandwidth product.
power dissipation.(PC=200mW)
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
15
V
Emitter to Base Voltage
VEBO
5
V
Collector Current to Continuous
IC
50
mA
Collector Power Dissipation
PC
200
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 to 150
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditions
Min
Typ
Max
Unit
Collector to base breakdown voltage
IC= 100 uA, IE=0
30
V
Collector to emitter breakdown voltage
IC= 1mA, IB=0
15
V
Emitter to base breakdown voltage
IE=100 uA, IC=0
5
V
Collector cut to off current
ICBO
VCB=12V, IE=0
0.05
uA
Emitter cut to off current
IEBO
VEB= 3V, IC=0
0.1
uA
DC current gain
hFE
VCE=5V, IC= 1mA
70
190
Collector to emitter saturation voltage
VCE(sat) IC=10mA, IB= 1mA
0.5
V
Base to emitter saturation voltage
VBE(sat) IC=10mA, IB= 1mA
1.4
V
Transition frequency
fT
VCE=5V, IC= 5mA,f=400MHz
600
MHz
V(BR)CBO
V(BR)CEO
V(BR)EBO
Features
Classification of hfe
Type
S9018-L
S9018-H
Range
70-105
105-190
Marking
J8
S9018
NPN Transistors
1
2
3
1.Base
2.Emitter
3.Collector
Simplified outline(SOT-23)
www.yfwdiode.com


Similar Part No. - S9018-SOT23

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S9018-G MCC-S9018-G Datasheet
222Kb / 2P
   NPN Silicon NPN Silicon
S9018-G MCC-S9018-G_13 Datasheet
183Kb / 2P
   NPN Silicon Transistors
S9018-H MCC-S9018-H Datasheet
222Kb / 2P
   NPN Silicon NPN Silicon
logo
DONGGUAN YOU FENG WEI E...
S9018-H YFWDIODE-S9018-H Datasheet
788Kb / 3P
   NPN Transistors
logo
Micro Commercial Compon...
S9018-I MCC-S9018-I Datasheet
222Kb / 2P
   NPN Silicon NPN Silicon
More results

Similar Description - S9018-SOT23

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com