Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2062 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2062
Description  140V / 10A, AF70W Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2062 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2062 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2062 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2062 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2062 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2062 / 2SC5774
No.6987-3/4
0.01
2
3
5
7
0.1
2
3
5
7
1.0
1.0
10
23
5
7
100
23
5
7
23
0.01
2
10
2
3
5
1.0
2
3
5
7
0.1
2
3
5
7
3
5
7
--0.01
--0.1
23
5
7
--1.0
23
5
7
--10
23
5
7
--0.01
2
3
5
7
--0.1
2
3
5
7
--1.0
2
0.01
0.1
23
5
7
1.0
23
5
7
10
23
5
7
Ta=120
°C
--40
°C
25°C
IT03416
2SA2062
IC / IB=10
Ta=120
°C
--40
°C
IT03417
2SC5774
IC / IB=10
0
0.5
1.0
1.5
2.0
2.5
3.0
20
060
40
80
100
140
120
160
IT03419
0
120
110
100
60
80
40
20
20
060
40
80
100
140
120
160
IT03420
ICP=20A
10ms
100ms
1ms
IC=10A
IT03418
2SA2062 / 2SC5774
2SA2062 / 2SC5774
2SA2062 / 2SC5774
P
C =110W
25°
C
0.01
0.1
23
5
7
1.0
23
5
7
10
23
5
7
2
10
3
5
7
100
2
3
25°C
--40°C
--0.01
--0.1
23
5
7
--1.0
23
5
7
--10
23
5
7
10
2
3
5
7
100
2
3
IT03414
25
°C
--40
°C
IT03415
2SA2062
VCE= --5V
2SC5774
VCE=5V
Ta=120°C
Ta=120°C
Ambient Temperature, Ta --
°C
PC -- Ta
Case Temperature, Tc --
°C
PC -- Tc
A S O
Collector-to-Emitter Voltage, VCE -- V
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
Tc=25
°C
Single pulse
(For PNP, minus sign is omitted.)
No
heat
sink


Similar Part No. - 2SA2062

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA2062 ISC-2SA2062 Datasheet
275Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - 2SA2062

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
   140V / 12A, AF 80W Output Applications
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
   140V / 12A, AF 60W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
   140V/12A AF 60W Output Applications
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
   140V/12A, AF 60W Output Applications??????
logo
TiMOTION Technology Co....
TC12 TIMOTION-TC12 Datasheet
1Mb / 8P
   Max. output 24VDC, 10A
20230925-P
TC12AC TIMOTION-TC12AC Datasheet
1Mb / 7P
   Max. output 24VDC, 10A
20210220-D
logo
Linear Technology
LTC6091 LINER-LTC6091_15 Datasheet
545Kb / 22P
   Dual 140V, Rail-to-Rail Output, Picoamp Input Current Op Amp
logo
TiMOTION Technology Co....
TC20 TIMOTION-TC20 Datasheet
260Kb / 3P
   Max. output 24VDC, 10A
20191108-D
logo
Linear Technology
LTC6090 LINER-LTC6090 Datasheet
537Kb / 24P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
logo
Diodes Incorporated
FZT955 DIODES-FZT955_16 Datasheet
615Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com