Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4090207800 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # 4090207800
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

4090207800 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  4090207800 Datasheet HTML 1Page - Delta Electronics, Inc. 4090207800 Datasheet HTML 2Page - Delta Electronics, Inc. 4090207800 Datasheet HTML 3Page - Delta Electronics, Inc. 4090207800 Datasheet HTML 4Page - Delta Electronics, Inc. 4090207800 Datasheet HTML 5Page - Delta Electronics, Inc. 4090207800 Datasheet HTML 6Page - Delta Electronics, Inc. 4090207800 Datasheet HTML 7Page - Delta Electronics, Inc. 4090207800 Datasheet HTML 8Page - Delta Electronics, Inc. 4090207800 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Delta Electronics
Corp.
Form No.︰tMP—D029
Form
Rev.︰00
1. SPECIFICATION
1.1
Characters
Item
Description
Scope
THIS SPECIFICATION DEFINES THE ELECTRICAL AND
MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
Application
INTEL LGA2011 CPU HEATSINK
Specification
a: Thermal Resistance
0.18 (°C/W)(REF.)
b: total weight
535 g (REF.)
c: clip force
29.5 Kgf (REF.)
1.2
BOM
Item
Part Name
Material
Part NO.
Q’TY
Remark
1
FAN
PBT
3620936511
1PCE
2
FAN SCREW
SUS 302
3109182300
2PCE
3
FAN LABEL
POLYESTER
3267299800
1PCE
4
FIN
A1050 / C1100
3346397100
1PCE
5
AL BASE
ADC12
3346814700
1PCE
6
CU BASE
CU 1100
3346397300
1PCE
7
HEATPIPE
CU 1020
3460037000/
3460037600~3460037800
4PCE
8
SOLDER
SN / BI
4090207800
14.5 g
9
SCREW
SUS 304
3105359900
4PCE
10
SPRING
ASTM A228
3462028800
4PCE
11
E CLIP
SK7
3110264700
4PCE
12
SPACER
POM
3244747000
4PCE
13
COVER
ABS
3321044300
1PCE
14
GREASE
TC-5630
4021107300
0.2 g
Rev01
15
BOX LABEL
PAPER
3261447400
0.031PCE
16
TRAY
PET
3503125200
1PCE
17
BOX
PAPER
3518141900
1PCE
18
PAD PAPER
PAPER
3516275100
0.125PCE
19
CARTON
PAPER
3513743100
0.042PCE


Similar Part No. - 4090207800

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
40903021001 MACOM-40903021001 Datasheet
174Kb / 2P
   Power PCB Relay 409
40903021003 MACOM-40903021003 Datasheet
174Kb / 2P
   Power PCB Relay 409
40903021053 MACOM-40903021053 Datasheet
174Kb / 2P
   Power PCB Relay 409
40903023001 MACOM-40903023001 Datasheet
174Kb / 2P
   Power PCB Relay 409
40903023003 MACOM-40903023003 Datasheet
174Kb / 2P
   Power PCB Relay 409
More results

Similar Description - 4090207800

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB1224LE DELTA-AFB1224LE Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1248VHE-TP18 DELTA-AFB1248VHE-TP18 Datasheet
855Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1512H-A DELTA-AFB1512H-A Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0712SHX02 DELTA-AFB0712SHX02 Datasheet
484Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824HH-T500 DELTA-AFB0824HH-T500 Datasheet
793Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0912H-TA50 DELTA-AFB0912H-TA50 Datasheet
784Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0924VH-R00 DELTA-AFB0924VH-R00 Datasheet
872Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1212SH-R00 DELTA-AFB1212SH-R00 Datasheet
863Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0812SH-TP12 DELTA-AFB0812SH-TP12 Datasheet
1Mb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824M DELTA-AFB0824M Datasheet
2Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1212VHE-T50F DELTA-AFB1212VHE-T50F Datasheet
836Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com