Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-SM50 Datasheet(PDF) 1 Page - Mini-Circuits

Part # SF-SM50
Description  Adapters, SMA-F to SMA-M 50W, DC to 18 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SF-SM50 Datasheet(HTML) 1 Page - Mini-Circuits

  SF-SM50 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
Adapters, SMA-F to SMA-M
Features
• flat response
• excellent VSWR, 1.05:1 typ. up to 12.4 GHz
and 1.15:1 typ. up to 18 GHz
• gold plated
• low cost adapters, available from stock
Outline Drawing
REV. A
M79447
EC-9245A
SF-SM50
RS/TD/CP
011217
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
50
Ω, DC to 18 GHz
Outline Dimensions (
)
Applications
• connector saver
• cable extender
inch
mm
NEW!
NEW!
MODEL
NO.
FREQUENCY
(GHz)
VSWR (:1)
Max.
f
L-fU
PRICE
$
Qty.
(1-49)
CASE
STYLE
Electrical Specifications
SF-SM 50
SMA-Female SMA-Male
DC-18
1.10
1.28
1.30
50
DJ836
8.95
CONNECTOR
TYPE
IMPEDANCE
(OHMS)
DC-8
GHz
8-12.4
GHz
12.4-18
GHz
CONN 1
CONN 2
SF-SM 50
A
B
CDE
wt.
.36
0.72
.312
grams
9.14
18.29
7.92
3.2


Similar Part No. - SF-SM50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SMRP50 MINI-SF-SMRP50 Datasheet
215Kb / 2P
Adapter SMA-F to SMA-MRP
SF-SMRP50++ MINI-SF-SMRP50+ Datasheet
215Kb / 2P
Adapter SMA-F to SMA-MRP
More results

Similar Description - SF-SM50

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SF-SF50 MINI-SF-SF50 Datasheet
49Kb / 1P
Adapter, SMA-F to SMA-F 50W DC to 18 GHz
SM-SM50 MINI-SM-SM50 Datasheet
49Kb / 1P
Adapter, SMA-M to SMA-M 50W DC to 18 GHz
logo
Pomona Electronics
72977 POMONA-72977 Datasheet
121Kb / 1P
SMA (M) TO SMB (F)
72978 POMONA-72978 Datasheet
124Kb / 1P
SMA (F) TO SMB (M)
logo
Mini-Circuits
NF-SM50 MINI-NF-SM50 Datasheet
230Kb / 1P
N-F to SMA-M
SF-BM50 MINI-SF-BM50 Datasheet
211Kb / 1P
SMA-F to BNC-M
SF-MQK50 MINI-SF-MQK50 Datasheet
215Kb / 1P
SMA-F to SMA-M
SMPF-SM50 MINI-SMPF-SM50 Datasheet
206Kb / 2P
Adapter SMP-F to SMA-M
BLK-18W MINI-BLK-18W Datasheet
170Kb / 1P
DC Block SMA-M to SMA-F
logo
Samtec, Inc
SMA SAMTEC-SMA Datasheet
286Kb / 1P
SMA TO 18 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com