Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QCA200A60 Datasheet(PDF) 2 Page - SanRex Corporation

Part # QCA200A60
Description  TRANSISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

QCA200A60 Datasheet(HTML) 2 Page - SanRex Corporation

  QCA200A60 Datasheet HTML 1Page - SanRex Corporation QCA200A60 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
QCA200A40/60
Tj
125℃
Tj
25℃
Typical
VCE
5V
VCE
2V
10
10
10
10
10
D.C. Current Gain
Collector Current Ic(A)
VCE
VBE
Typical
Ic
120A
Ic
160A
Ic
200A
10
−1
10
10
Ic
160A
Ic
200A
Ic
120A
Saturation Characteristics
Collector Current Ic(A)
Pulse
W
ide
100
μs
50
0μs
IS
/B
Lim
ite
d
1m
s
PT Limited
Non-Repetitive
Tc
25℃
OCA200
A60
OCA200
A40
10
10
10
10
10
10
Forward Bias Safe Operating Area
Collector-Emitter Voltage VCE(V)
Reverse Bias Safe Operating Area
Collector-Emitter Voltage VCE(V)
50
100
150
200
250
300
350
400
450
500
400
300
200
100
600
700
Tj
125℃
IB2
−3A
IB2
−8A
OCA200
A60
OCA200
A40
700
100
50
100
50
150
Collector Current Derating Factor
Case Temperature(℃)
IS/B L
imite
d
P
TLim
ite
d
j=25℃
Maximum
Forward Voltage of Free Wheeling Diode
Emitter-Collector Voltage VECO(V)
10
10
10
1.
1.
2.
ton
ts
tf
Typical
Vcc
300V
IB1
4A
IB2
−4A
Tj
25℃
10
10
10
−1
200
160
80
120
40
Collector Current Vs Switching Time
Collector Current Ic(A)
Junction to Case
Max
50msec∼50sec
100μsec∼50msec
10
−1
10
−2
100μ
100m
200μ
200m
500μ
500m
50m
1m
2m
5m
10m
10
50m
50
20m
20
Maximum Transient Thermal Impedance
Characteristics
Time
t(sec)


Similar Part No. - QCA200A60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
QCA200AA100 SANREX-QCA200AA100 Datasheet
108Kb / 2P
   TRNASISTOR MODULE
QCA200AA120 SANREX-QCA200AA120 Datasheet
107Kb / 2P
   TRNASISTOR MODULE
More results

Similar Description - QCA200A60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SQD400BA60 ETC-SQD400BA60 Datasheet
432Kb / 2P
   TRANSISTOR MODULE
logo
SanRex Corporation
QCA150AA120 SANREX-QCA150AA120 Datasheet
105Kb / 2P
   TRANSISTOR MODULE
SQD300AA120 SANREX-SQD300AA120 Datasheet
100Kb / 2P
   TRANSISTOR MODULE
QCA50AA100 SANREX-QCA50AA100 Datasheet
796Kb / 4P
   TRANSISTOR MODULE
QCA150A SANREX-QCA150A Datasheet
114Kb / 2P
   TRANSISTOR MODULE
QCA75AA120 SANREX-QCA75AA120 Datasheet
103Kb / 2P
   TRANSISTOR MODULE
logo
List of Unclassifed Man...
SQD200A40 ETC-SQD200A40 Datasheet
100Kb / 2P
   TRANSISTOR MODULE
logo
SanRex Corporation
QCA50B SANREX-QCA50B Datasheet
412Kb / 2P
   TRANSISTOR MODULE
QCA75AA100 SANREX-QCA75AA100 Datasheet
758Kb / 4P
   Transistor Module
QCA100A60 SANREX-QCA100A60 Datasheet
122Kb / 2P
   TRANSISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com