Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QCA200A60 Datasheet(PDF) 1 Page - SanRex Corporation

Part # QCA200A60
Description  TRANSISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

QCA200A60 Datasheet(HTML) 1 Page - SanRex Corporation

  QCA200A60 Datasheet HTML 1Page - SanRex Corporation QCA200A60 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
QCA200A40/60
TRANSISTOR MODULE
UL;E76102
(M)
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
■Electrical Characteristics
Symbol
Item
Conditions
Ratings
QCA200A40 QCA200A60
Unit
VCBO
Collector-Base Voltage
400
600
V
VCEX
Collector-Emitter Voltage
VBE
=−2V
400
600
V
Emitter-Base Voltage
V
VEBO
10
IC
Collector Current
()pw≦1ms
200
(400)
A
−IC
Reverse Collector Current
200
A
IB
Base Current
12
A
PT
Total power dissipation
TC
=25℃
1250
W
Tj
Junction Temperature
−40 to +150
Tstg
Storage Temperature
−40 to +125
VISO
Isolation Voltage
A.C.1minute
2500
V
Mounting
Torque
Mounting
(M6)
Terminal
(M6)
Recommended Value 2.5-3.9
(25-40)
4.7
(48)
Recommended Value 2.5-3.9
(25-40)
4.7
(48)
N
・m
(
㎏f・B)
Mass
Typical Value
470
g
14.0
25.0
3-M6
L=10max
AMP110
t=0.5
25.0
108max
4-φ6.5
93±0.5
B2X
C2E1
E2
C1
B2
E2
E1
B1
B1X
Unit
:A
Symbol
Item
Conditions
Ratings
Min.
Max.
2.0
800
75
2.0
2.5
2.0
12.0
3.0
1.4
0.1
Unit
ICBO
Collector Cut-off Current
VCB
=VCBO
mA
IEBO
Emitter Cut-off Current
VEB
=VEBO
mA
300
VCEO(SUS)
Collector Emitter
Sustaning Voltage
QCA200A40
QCA200A60
QCA200A40
QCA200A60
Ic
=1A
V
450
400
VCEX(SUS)
Ic
=40A,IB2=−8A
V
600
hFE
DC Current Gain
Ic
=200A,VCE=2V
Ic
=200A,VCE=5V
100
VCE(sat)
Collector-Emitter Saturation Voltage
Ic
=200A,IB=2.7A
V
VBE(sat)
Base-Emitter Saturation Voltage
Ic
=200A,IB=2.7A
V
μs
V
℃/W
ton
On Time
Storage Time
Fall Time
Transistor part
0.3
Diode part
ts
tf
Vcc
=300V,Ic=200A
IB1
=4A,IB2=−4A
−Ic=200A
VECO
Rth(j-c)
Switching Time
Collector-Emitter Reverse Voltage
Thermal Impedance
(junction to case)
C1
B1
C2E1
B2
E2
B2X
QCA200 is a dual Darlington power transistor module which has series- connected high
speed, high power Darlington transistors. Each transistor has a reverse paralleled fast
recovery diode. The mounting base of the module is electrically isolated from
semiconductor elements for simple heatsink construction,
IC
=200A、VCEX=400/600V
Low saturation voltage for higher efficiency.
High DC current gain hFE
Isolated mounting base
VEBO 10V for faster switching speed.
(Applications)
Motor Control
(VVVF), AC/DC Servo, UPS,
Switching Power Supply, Ultrasonic Application


Similar Part No. - QCA200A60

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
QCA200AA100 SANREX-QCA200AA100 Datasheet
108Kb / 2P
   TRNASISTOR MODULE
QCA200AA120 SANREX-QCA200AA120 Datasheet
107Kb / 2P
   TRNASISTOR MODULE
More results

Similar Description - QCA200A60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SQD400BA60 ETC-SQD400BA60 Datasheet
432Kb / 2P
   TRANSISTOR MODULE
logo
SanRex Corporation
QCA150AA120 SANREX-QCA150AA120 Datasheet
105Kb / 2P
   TRANSISTOR MODULE
SQD300AA120 SANREX-SQD300AA120 Datasheet
100Kb / 2P
   TRANSISTOR MODULE
QCA50AA100 SANREX-QCA50AA100 Datasheet
796Kb / 4P
   TRANSISTOR MODULE
QCA150A SANREX-QCA150A Datasheet
114Kb / 2P
   TRANSISTOR MODULE
QCA75AA120 SANREX-QCA75AA120 Datasheet
103Kb / 2P
   TRANSISTOR MODULE
logo
List of Unclassifed Man...
SQD200A40 ETC-SQD200A40 Datasheet
100Kb / 2P
   TRANSISTOR MODULE
logo
SanRex Corporation
QCA50B SANREX-QCA50B Datasheet
412Kb / 2P
   TRANSISTOR MODULE
QCA75AA100 SANREX-QCA75AA100 Datasheet
758Kb / 4P
   Transistor Module
QCA100A60 SANREX-QCA100A60 Datasheet
122Kb / 2P
   TRANSISTOR MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com