Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFB0712SHX02 Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # AFB0712SHX02
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0712SHX02 Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button AFB0712SHX02 Datasheet HTML 2Page - Delta Electronics, Inc. AFB0712SHX02 Datasheet HTML 3Page - Delta Electronics, Inc. AFB0712SHX02 Datasheet HTML 4Page - Delta Electronics, Inc. AFB0712SHX02 Datasheet HTML 5Page - Delta Electronics, Inc. AFB0712SHX02 Datasheet HTML 6Page - Delta Electronics, Inc. AFB0712SHX02 Datasheet HTML 7Page - Delta Electronics, Inc. AFB0712SHX02 Datasheet HTML 8Page - Delta Electronics, Inc. AFB0712SHX02 Datasheet HTML 9Page - Delta Electronics, Inc. AFB0712SHX02 Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Doc. No: FMBG-ES Form 001
Rev. 0001
Date: June 24, 2009
Application Notice
1. Delta will not guarantee the performance of the products if the application condition
falls outside the parameters set forth in the specification.
2. A written request should be submitted to Delta prior to approval if deviation from
this specification is required.
3. Please exercise caution when handling fans.
Damage may be caused when pressure is
applied to the impeller, if the fans are handled by the lead wires, or if the fan was
hard-dropped to the production floor.
4. Except as pertains to some special designs, there is no guarantee that the products will
be free from any such safety problems or failures as caused by the introduction of
powder, droplets of water or encroachment of insect into the hub.
5. The above-mentioned conditions are representative of some unique examples and viewed
as the first point of reference prior to all other information.
6. It is very important to establish the correct polarity before connecting the fan to the
power source. Positive (+) and Negative (-). Damage may be caused to the fans if
connection is with reverse polarity, if there is no foolproof method to protect against
such error specifically mentioned in this spec.
7. Delta fans without special protection are not suitable where any corrosive fluids are
introduced to their environment.
8. Please ensure all fans are stored according to the storage temperature limits specified.
Do not store fans in a high humidity environment. We highly recommend performance
testing is conducted before shipping, if the fans have been stored over 6 months.
9. Not all fans are provided with the Lock Rotor Protection feature.
If you impair the
rotation of the impeller for the fans that do not have this function, the performance
of those fans will lead to failure.
10. Please be cautious when mounting the fan.
Incorrect mounting of fans may cause
excess resonance, vibration and subsequent noise.
11. It is important to consider safety when testing the fans. A suitable fan guard should be
fitted to the fan to guard against any potential for personal injury.
12. Except where specifically stated, all tests are carried out at room (ambient) temperature
and relative humidity conditions of 25
oC, 65% RH. The test value is only for fan
performance itself.
13. Be certain to connect an “ 4.7µF or greater” capacitor to the fan externally when
the application calls for using multiple fans in parallel, to avoid any unstable power.


Similar Part No. - AFB0712SHX02

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0712SH-AB DELTA-AFB0712SH-AB Datasheet
597Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFB0712SH-AF00 DELTA-AFB0712SH-AF00 Datasheet
1,014Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results

Similar Description - AFB0712SHX02

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB1224LE DELTA-AFB1224LE Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1248VHE-TP18 DELTA-AFB1248VHE-TP18 Datasheet
855Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1512H-A DELTA-AFB1512H-A Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824HH-T500 DELTA-AFB0824HH-T500 Datasheet
793Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0912H-TA50 DELTA-AFB0912H-TA50 Datasheet
784Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0924VH-R00 DELTA-AFB0924VH-R00 Datasheet
872Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1212SH-R00 DELTA-AFB1212SH-R00 Datasheet
863Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0812SH-TP12 DELTA-AFB0812SH-TP12 Datasheet
1Mb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB0824M DELTA-AFB0824M Datasheet
2Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
AFB1212VHE-T50F DELTA-AFB1212VHE-T50F Datasheet
836Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE FAN HEATSINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com