Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A276308 Datasheet(PDF) 7 Page - AMIC Technology

Part # A276308
Description  64K X 8 OTP CMOS EPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A276308 Datasheet(HTML) 7 Page - AMIC Technology

Back Button A276308 Datasheet HTML 3Page - AMIC Technology A276308 Datasheet HTML 4Page - AMIC Technology A276308 Datasheet HTML 5Page - AMIC Technology A276308 Datasheet HTML 6Page - AMIC Technology A276308 Datasheet HTML 7Page - AMIC Technology A276308 Datasheet HTML 8Page - AMIC Technology A276308 Datasheet HTML 9Page - AMIC Technology A276308 Datasheet HTML 10Page - AMIC Technology A276308 Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
A276308
PRELIMINARY
(December, 1998, Version 0.1)
6
AMIC Technology, Inc.
AC Measurement Conditions
for 55 ns
• Input Rise and Fall Times
≤ 10 ns
‚ Input Pulse Voltage: 0V to 3Volt
ƒ Input and Output Timing Ref. Voltage: 1.5Volt
3.0V
0V
1.5V
1.5V
TEST
POINTS
INPUT
OUTPUT
for 70/90 ns
• Input Rise and Fall Times
≤ 10 ns
‚ Input Pulse Voltage: 0.4V to 2.4Volt
ƒ Input and Output Timing Ref. Voltage: 0.8V to 2.0Volt
2.4V
0.4V
2.0V
2.0V
TEST
POINTS
INPUT
OUTPUT
0.8V
0.8V
AC Testing Load Circuit
CL = 30pF or 100pF
OUT
3.3K
1N914
1.3V
DEVICE
UNDER
TEST
CL = 30pF for 55 ns
CL = 100pF for 70/90 ns
CL includes JIG capacitance


Similar Part No. - A276308

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A27 DBLECTRO-A27 Datasheet
269Kb / 1P
   SCSI - III D - SUB IDC (FEMALE)
logo
Tyco Electronics
A27 MACOM-A27 Datasheet
351Kb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
M/A-COM Technology Solu...
A27 MA-COM-A27 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1500 MHz
logo
List of Unclassifed Man...
A27 ETC2-A27 Datasheet
213Kb / 7P
   Process Sealed Subminiature Toggles
logo
M/A-COM Technology Solu...
A27 MA-COM-A27 Datasheet
627Kb / 3P
   Cascadable Amplifier 10 to 1500 MHz
More results

Similar Description - A276308

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
   512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
   512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT25LC512 HOLTEK-HT25LC512_04 Datasheet
175Kb / 11P
   CMOS 64K x 8-Bit SPI Serial OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
   512K (64K x 8-Bit) OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
AMIC Technology
A27020 AMICC-A27020 Datasheet
170Kb / 14P
   256K X 8 OTP CMOS EPROM
A27020A AMICC-A27020A Datasheet
175Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com