Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2506 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBJ2506
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBJ2506 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBJ2506 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBJ2506 Datasheet HTML 2Page - HY ELECTRONIC CORP. GBJ2506 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Rating to 1000V PRV
Ideal for printed circuit board
Low forward voltage drop,high current capability
Reliable low cost construction utilizing molded plastic
technique results in inexpensive product
The plastic material has UL flammability
classification 94V-0
AEC-Q101 qualified
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
GBJ
25005
2501
2502
2504
2506
2508
2510
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
(with heatsink Note 2)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 12.5A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Typical Thermal Resistance to Ambient ( Note2)
RθJA
Typical Thermal Resistance to case( Note2)
RθJC
Typical Thermal Resistance to lead ( Note2)
RθJL
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
2.Device mounted on 300mm*300mm*1.6mm Cu plate heatsink.
3.The typical data above is for reference only(典型值仅供参考).
Rev. 1, 27-Apr-2017
-55 to +150
508
85
1.5
-55 to +150
4.5
/W
0.6
IFSM
350
A
1.0
IR
5.0
μA
500
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
UNIT
I(AV)
25.0
A
4.2
Dimensions in inches and (milimeters)
Rating at 25℃ ambient temperature unless otherwise specified.
GBJ25005 thru GBJ2510
GLASS PASSIVATED
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT
- 25
Amperes
BRIDGE RECTIFIERS
GBJ
? .122(3.1)
? .134(3.4)
.031(0.8)
.023(0.6)
.098(2.5)
.114(2.9)
.189(4.8)
.173(4.4)
.134(3.4)
.150(3.8)
.386(9.8)
.402(10.2) .303(7.7)
.287(7.3).287(7.3)
.303(7.7)
SPACING
.043(1.1)
.035(0.9)
.078(2.0)
.094(2.4)
.106(2.7)
.096(2.3)
1.169(29.7)
1.193(30.3)
+
~ ~ _
.118(3.0)*45°


Similar Part No. - GBJ2506

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2506 DIODES-GBJ2506 Datasheet
54Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. D-2
logo
Micro Commercial Compon...
GBJ2506 MCC-GBJ2506 Datasheet
88Kb / 2P
25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
EIC discrete Semiconduc...
GBJ2506 EIC-GBJ2506 Datasheet
46Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Sirectifier Semiconduct...
GBJ2506 SIRECTIFIER-GBJ2506 Datasheet
59Kb / 2P
Single Phase Bridge Rectifiers
logo
TAITRON Components Inco...
GBJ2506 TAITRON-GBJ2506 Datasheet
259Kb / 4P
Single-Phase Glass Passivated Bridge Rectifier
More results

Similar Description - GBJ2506

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
Glass Passivated Bridge Rectifiers
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Comchip Technology
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com