Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-MUSB-C111-XX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-MUSB-C111-XX
Description  GASKET - SILICONE RUBBER, BLACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MUSB-C111-XX Datasheet(HTML) 1 Page - Amphenol Corporation

  P-MUSB-C111-XX Datasheet HTML 1Page - Amphenol Corporation P-MUSB-C111-XX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.50 [.217] DEEP THREADED
HOLES, SEE ORDERING
CODE THREAD OPTION
TOP PORT
POSITION #1
BOTTOM PORT
POSITION #1
21.00
.827
19.50±0.25
.768±.010
6.00
.236
9.00
.354
24.00
.945
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU AND
AMENDMENTS
OUTER SHELL - DIECAST ZINC ALLOY, NICKEL PLATED
CONTACTS - PHOSPHOR BRONZE, PLATED WITH 0.76 MICRONS (30
MICROINCHES) GOLD OVER 1.27 MICRONS (50 MICROINCHES) MINIMUM
NICKEL ON THE MATING AREA WITH TIN PLATING ON THE TAILS.
USB HOUSING - ENGINEERING THERMOPLASTIC, HIGH TEMPERATURE
RESISTANT, FLAMMABILITY RATING UL94V-0, BLACK.
USB SHIELD & BACK COVER - COPPER ALLOY, NICKEL PLATED
GASKET - SILICONE RUBBER, BLACK
DUST COVER - SILICONE RUBBER WITH NICKEL PLATED BRASS BUSHING.
SEE ORDERING CODE FOR DUST COVER COLOUR OPTIONS. SEE SHEET 2
FOR DUST COVER VIEWS.
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL
2.
BETWEEN MATING AREA AND PCB SIDE OF CONNECTOR. GASKET PROVIDES
SEAL TO INSIDE FACE OF ENCLOSURE PANEL. AVAILABLE DUST COVERS
PROVIDE ADDED PROTECTION.
CURRENT RATING: 1.5 AMPERES
3.
CONTACT RESISTANCE: 30 MILLIOHMS MAXIMUM.
4.
OPERATING TEMPERATURE: -40°C TO +105°C.
5.
DUST COVERS MAY BE ORDERED SEPARATELY. SPECIFY
6.
PART NUMBER MUSB-2A111-014BP FOR THE GREY COVER OR
PART NUMBER MUSB-2A111-024BP FOR THE BLACK COVER.
SPECIAL CONNECTORS:
MANY UNIQUE FEATURES ARE READILY
AVAILABLE TO SUIT CUSTOMER
REQUIREMENTS. CONSULT WITH
AMPHENOL CANADA FOR DETAILS.
DUST COVER OPTION
0 = NO DUST COVER SUPPLIED
1 = WITH GREY DUST COVERS SUPPLIED
5 = WITH BLACK DUST COVERS SUPPLIED
THREAD OPTION
3 = #4-40 UNC THREAD
M = M3 x 0.5 THREAD
SERIES, RUGGED USB
USB SERIES 'A' RECEPTACLE,
STACKED, RIGHT ANGLE PCB TAIL
ORDERING CODE: M U S B - C 1 1 1 - X X
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
SHEET
1 OF 2
F
SCALE:
REV
DWG.
NO.
6
Amphenol Canada Corp.
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-MUSB-C111-XX
MUSB RUGGED USB CONNECTOR, SERIES 'A'
RECEPTACLE, STACKED, RIGHT ANGLE PCB TAIL,
THREAD AND DUST COVER OPTIONS,
RoHS COMPLIANT
G.LI
E
PRODUCT DRAWING (EAR 13902)
JUL12/11
K.L.
DWG SIZE:
DO NOT
SCALE
DRAWING
K.LAMBIE
APR02/08
MAR31/08
K.LAMBIE
APR02/08
03554
4:1
C
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
THIRD
ANGLE
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
UNLESS SPECIFIED OTHERWISE
0.15
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
ANGULAR DEGREES
K.L.
DEC11/14
PRODUCT DRAWING (EAR 14330)
F
17.75
.699
5.00
.197
14.20±0.25
.559±.010
2.00
.079
2.45±0.30
.096±.012
BACK COVER
TAIL
0.58 [.023] x
0.25 [.010] PCB
2.30
.091
3.00
.118
REF
6.00
.236
2.38 [.094]
MAJOR DIAGONAL
DIAMOND PEG
16.25
.640
16.25
.640
6.16
.243
30.50±0.25
1.201±.010
8.00
.315
GASKET
OUTER SHELL
USB HOUSING


Similar Part No. - P-MUSB-C111-XX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-MUSB-C211-XX AMPHENOL-P-MUSB-C211-XX Datasheet
123Kb / 2P
   PCB - FR4 FIBREGLASS, LEAD FREE
P-MUSB-C311-XX AMPHENOL-P-MUSB-C311-XX Datasheet
140Kb / 2P
   GASKET - SILICONE RUBBER, BLACK
P-MUSB-C411-XX AMPHENOL-P-MUSB-C411-XX Datasheet
119Kb / 2P
   GASKET - SILICONE RUBBER, BLACK
P-MUSB-C511-XX AMPHENOL-P-MUSB-C511-XX Datasheet
153Kb / 2P
   GASKET - SILICONE RUBBER, BLACK
More results

Similar Description - P-MUSB-C111-XX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-MUSB-C511-XX AMPHENOL-P-MUSB-C511-XX Datasheet
153Kb / 2P
   GASKET - SILICONE RUBBER, BLACK
P-MUSB-C311-XX AMPHENOL-P-MUSB-C311-XX Datasheet
140Kb / 2P
   GASKET - SILICONE RUBBER, BLACK
P-MUSB-C411-XX AMPHENOL-P-MUSB-C411-XX Datasheet
119Kb / 2P
   GASKET - SILICONE RUBBER, BLACK
P-MUSB-D511-XX AMPHENOL-P-MUSB-D511-XX Datasheet
81Kb / 2P
   GASKET - SILICONE RUBBER
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
   RUBBER: SILICONE RUBBER
logo
List of Unclassifed Man...
LR3003 ETC2-LR3003 Datasheet
108Kb / 2P
   Liquid Silicone Rubber
logo
3M Electronics
847 3M-847 Datasheet
310Kb / 4P
   Nitrile High Performance Rubber & Gasket Adhesive
logo
Grayhill, Inc
84LS-ACAC2-113-N GRAYHILL-84LS-ACAC2-113-N Datasheet
757Kb / 3P
   Waterproof Silicone Rubber Easily Customized Legends
84S-AC2-113-N GRAYHILL-84S-AC2-113-N Datasheet
118Kb / 3P
   Waterproof Silicone Rubber Easily Customized Legends
logo
3M Electronics
847H 3M-847H Datasheet
310Kb / 4P
   3M??Nitrile High Performance Rubber & Gasket Adhesive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com