Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4581L Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4581L
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4581L Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4581L Datasheet HTML 1Page - Maxim Integrated Products MAX4581L Datasheet HTML 2Page - Maxim Integrated Products MAX4581L Datasheet HTML 3Page - Maxim Integrated Products MAX4581L Datasheet HTML 4Page - Maxim Integrated Products MAX4581L Datasheet HTML 5Page - Maxim Integrated Products MAX4581L Datasheet HTML 6Page - Maxim Integrated Products MAX4581L Datasheet HTML 7Page - Maxim Integrated Products MAX4581L Datasheet HTML 8Page - Maxim Integrated Products MAX4581L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
_______________________________________________________________________________________
5
100
10
1
0.001
-40
35 50 65 80 95 110
-25 -10 5
20
125
ON-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
0.1
0.01
0
2
1
4
3
8
9
7
6
5
10
02
3
4
5
16
7
8
9 10 11 12
CHARGE INJECTION vs. VCOM
VCOM (V)
1000
100
10
0.01
-40
35 50 65 80 95 110
-25 -10 5
20
125
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
1
0.1
VINH, VA, VB, VC = 0V OR VCC
0.1
0.0001
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.001
FREQUENCY (Hz)
0.01
600
Ω IN AND OUT
FREQUENCY RESPONSE
FREQUENCY (MHz)
0.001
1
10
100
0.01
0.1
1000
30
-130
-110
-90
-70
-50
-30
10
-10
90
-150
-120
-90
-60
-30
0
60
30
MAX4581L/2L/3L toc08
ON-LOSS
OFF-ISOLATION
CROSSTALK
ON-PHASE
SUPPLY CURRENT
vs. LOGIC-LEVEL VOLTAGE
LOGIC-LEVEL VOLTAGE (V)
06
7
8
9 10 11
1
2
3
45
12
10,000
0.0001
0.001
0.01
0.1
1
10
1000
100
0
0.6
0.2
0.4
1.4
1.2
1.0
0.8
1.8
1.6
2.0
0
234
15
7
6
8
9 101112
LOGIC-LEVEL THRESHOLD
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
Typical Operating Characteristics (continued)
(VCC = 12V, VEN = GND, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4581L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581L MAXIM-MAX4581L Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581LEEE MAXIM-MAX4581LEEE Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581LEEE MAXIM-MAX4581LEEE Datasheet
310Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581LEEE MAXIM-MAX4581LEEE Datasheet
1Mb / 13P
Low-Voltage, CMOS Analog Multiplexers/Switches
2014
MAX4581LESE MAXIM-MAX4581LESE Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
More results

Similar Description - MAX4581L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com