Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA71525M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA71525M
Description  Video/audio signal processor for VHS VCRs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA71525M Datasheet HTML 1Page - Sanyo Semicon Device LA71525M Datasheet HTML 2Page - Sanyo Semicon Device LA71525M Datasheet HTML 3Page - Sanyo Semicon Device LA71525M Datasheet HTML 4Page - Sanyo Semicon Device LA71525M Datasheet HTML 5Page - Sanyo Semicon Device LA71525M Datasheet HTML 6Page - Sanyo Semicon Device LA71525M Datasheet HTML 7Page - Sanyo Semicon Device LA71525M Datasheet HTML 8Page - Sanyo Semicon Device LA71525M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LA71525M
No. 5843-1/25
Parameter
Recommended supply voltage
Recommended operating supply
voltage range
Symbol
VCC max
VCC max
Pd max
Topr
Tstg
Ratings
7.0
9.0
1400
–10 to +65
–40 to +150
Parameter
Maximum supply voltage
Allowable power dissipation
Operating temperature
Storage temperature
Ratings
5.0
6.8
(7.5)
4.8 to 5.5
6.4 to 7.9
LA71525M
Video/audio signal processor for VHS VCRs
(single chip for Y/C/A)
Monolithic Linear IC
The LA71525M is a video/audio signal processor IC
for VHS VCRs. It handles recording and playback of
PAL/GBI, MESECAM, and 4.43 NTSC signals.
NTSC software tapes can be converted to PAL for
monitoring, and the IC realizes high picture and sound
quality. The IC requires no adjustments and minimizes
the peripheral component count, making it possible to
implement efficient signal handling at low cost.
Package Dimensions
unit: mm
3174-QFP80E
[LA71525M]
Overview
SANYO : QFP80E (QIP80E)
Ordering number : EN5843
Maximum Ratings at Ta = 25
°C
Specifications
Operating Conditions at Ta = 25
°C
31799RM(KI)
VCC2
VCC1
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
VCC1 opg
VCC2 opg
(VCC2)
0.15
124
25
40
41
64
65
80
21.6
0.8
2.70
1.6
0.35
23.2
20.0
0.8
0.8
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Unit
V
V
V
V
V
Unit
V
V
mW
˚C
˚C
Symbol
Conditions
pin 36, 41, 47
pin 76
Ta
≤ 65˚C
Conditions
pin 36, 41, 47
pin 76
(pin 76)
114.3 x 76.1 x 1.6 mm3 with paper
phenol substrate


Similar Part No. - LA71525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
   Global VHS-format VCR Video Signal Processor
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com