Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA71525M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA71525M
Description  Video/audio signal processor for VHS VCRs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LA71525M Datasheet HTML 2Page - Sanyo Semicon Device LA71525M Datasheet HTML 3Page - Sanyo Semicon Device LA71525M Datasheet HTML 4Page - Sanyo Semicon Device LA71525M Datasheet HTML 5Page - Sanyo Semicon Device LA71525M Datasheet HTML 6Page - Sanyo Semicon Device LA71525M Datasheet HTML 7Page - Sanyo Semicon Device LA71525M Datasheet HTML 8Page - Sanyo Semicon Device LA71525M Datasheet HTML 9Page - Sanyo Semicon Device LA71525M Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LA71525M
No. 5843-6/25
min
t y p
max
2 fsc output level
T28A
T58
T58 level measured in no-signal input condition
360
400
440 mVp-p
2 fsc duty
T28A
T58
T58 duty measured in no-signal input condition
40
50
60
%
[PB mode chroma chroma]
PB chroma video
T15A
T38
From T15A in PB and SP mode, a chroma signal
490
580
670
mVp-p
Output level
T26A
down-converted from the PAL chroma noise test signal
(PAL mode)
(SP mode, burst 80 mVp-p) and mixed with a 4 MHz
300 mVp-p sine wave is input.
From T26A, a 50% white signal is input.
Burst level is measured at T38.
PB chroma video
T15A
T38
From T15A in PB and SP mode, a chroma signal
490
580
670
mVp-p
Output level
T26A
down-converted from the NTSC chroma noise test signal
(NTSC mode)
(SP mode, burst 160 mVp-p) and mixed with a 4 MHz
300 mVp-p sine wave is input.
From T26A, a 50% white signal is input.
Burst level is measured at T38.
PB chroma
T15A
170
200
230
mVp-p
Pin 46 output level
T26A
T46
T15A
0.5
0.8
dB
T26A
T46
T15A
T46
–0.5
–0.2
dB
T26A
PB killer input level
T15A
T46
–25
dB
T26A
Chroma output level in PPB killer
T15A
T38
–44
–40
dB
condition
T26A
PB main converter carrier leak
T15A
T38
–40
–33
dB
T26A
Burst deemphasis
T15A
T46
629 kHz, 160 mVp-p CW is mixed with 4 MHz, 300 mVp-p
–5.75
–5.50
–5.25
dB
(NTSC mode)
T26A
CW and input to T15A.
50% white signal is input from T26A.
Output level during T46 burst interval and during other
times is compared.
PB XO output level
T59
T59 output level measured with FET probe in PB mode
300
500
700
mVp-p
(PAL mode)
PB XO oscillator frequency
T59
T59 frequency measured in PB mode: f
–9
0
Hz
deviation (PAL mode)
NTSC -> PAL conversion
T15A
–1
0
dB
V axis burst level
T26A
T38
NTSC -> PAL conversion
T15A
–2
0
dB
Burst level ratio
T26A
T38
Symbol
Parameter
+9
+1
+2
+9
+1
+2
Input
Output
Conditions
Ratings
Unit
Under same conditions as above, +45
° burst level is
measured and compared to VBNAP
Continued from preceding page
Continued on next page
V2fsc
D2fsc
PVop-38
NVop-38
Vop-46
ACCP1
ACCP2
PB ACC characteristics 1
PB ACC characteristics 2
VACK-P
VOACK-P
CLP
GBD
VXO-PP
VBNAP
∆f
XOP
∆B-NAP
Under same conditions as for PVop-38, T46 burst level is
measured.
Under same conditions as for PVop-38, input chroma
level is raised by +6 dB. T46 burst level is measured
and compared to PVop-46.
Under same conditions as for PVop-38, input chroma
level is raised by –6 dB. T46 burst level is measured
and compared to PVop-38.
Under same conditions as for PVop-38, input chroma
level is attenuated and input burst level is measured
when chroma output at T46 goes off (compared to
standard input 80 mVp-p)
T38 measured with spectrum analyzer and compared to
PVop-38 in killer condition as described above.
Under same conditions as for PVop-38, T38 is measured
with spectrum analyzer and 4.43 MHz component is
compared to 5.06 MHz component.
From T15A, down-converted chroma noise test signal
mixed with 4 MHz, 300 mVp-p CW is input.
From T26A, 50% white signal is input.
–45
° burst level at T38 is measured and compared to
PVop-38


Similar Part No. - LA71525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
   Global VHS-format VCR Video Signal Processor
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com