Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA71525M Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA71525M
Description  Video/audio signal processor for VHS VCRs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA71525M Datasheet HTML 1Page - Sanyo Semicon Device LA71525M Datasheet HTML 2Page - Sanyo Semicon Device LA71525M Datasheet HTML 3Page - Sanyo Semicon Device LA71525M Datasheet HTML 4Page - Sanyo Semicon Device LA71525M Datasheet HTML 5Page - Sanyo Semicon Device LA71525M Datasheet HTML 6Page - Sanyo Semicon Device LA71525M Datasheet HTML 7Page - Sanyo Semicon Device LA71525M Datasheet HTML 8Page - Sanyo Semicon Device LA71525M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LA71525M
No. 5843-4/25
Continued on next page
Continued from preceding page
Ratio of T25 4 MHz component and SDEM with
VIN = 300 mVp-p f = 4 MHz
VIN = white 50% + CW
(15.8 mVp-p)
Ratio of 32 fH component and
32.5 fH component
Input/output response measured with
VIN = white 50% + sine wave f = 2 MHz 158 mVp-p
00 OFF
10 (weak)
01 (medium)
11 (strong)
T38 video output sync tip (LSYN), pedestal (LPED), white
level (LWHT) potential measured with VIN = white 100%
0.5 Vp-p
DC voltage at T38 is measured when 5V is applied to
T33. Taking this as LVDP, differential with LSYN above
is calculated.
DC voltage at T38 is measured when 2.7V is applied to
T33. Taking this as LHDP, differential with LPED above is
calculated.
DC voltage at T38 is measured when 1.3V is applied to
T33. Taking this as LWHP, differential with LWHT above is
calculated.
Pin 37 output pulse crest value measured with
VIN = 0.5 Vp-p video signal
Pin 37 output pulse width measured with
VIN = 0.5 Vp-p video signal
Delay of output SYNC vs. input SYNC measured with
VIN = 0.5 Vp-p video signal
Pin 17 signal amplitude measured with
VIN = 150, 300, 600 mVp-p 4 MHz CW
LDEM
CL
GNLDE1
PYNR
GWNC1
GWNC4
GWNC3
GWNC2
GWNC5
GPH1
GPH2
GPH3
LVOR
∆VDP
∆HDP
∆WHP
PWSYP
∆T
SYP
GPH4
VFAGC
VSYP
GNLDE2
Serial
VREG
LDEM =
VDEM4 – (VDEM2 + VDEM6 ) /2
VDEM
6 –V
DEM
2
x 100
min
typ
max
FM demodulator linearity
T15
T25
–3.5
0
%
Carrier leak
T15
T25
–35
dB
Playback YNR characteristics
T26A
T38
000
–3.7
–3.2
–2.7
–9.2
–8.2
–7.2
–13.3
–11.8
–10.3
Nonlinear
T26A
T38
–3.5
–2.5
–1.5
dB
deemphasis characteristics 1
Nonlinear
T26A
T38
f = 2 MHz, 50 mVp-p
4.5
6.0
7.5
deemphasis characteristics 2
2
2.5
4.0
5.5
3
0.5
2.0
3.5
40
0
0
Double noise
T26A
T38
f = 1.2 MHz, 158 mVp-p, pin 69 open
–4
–3
–2
dB
canceler characteristics 1
Gr2 bit 8/7 = "10", Gr5 bit 1 = "1"
Double noise
T26A
T38
f = 1.2 MHz, 50 mVp-p, pin 69 open
–16.5
–15.0
–13.5
dB
canceler characteristics 2
Gr2 bit 8/7 = "10", Gr5 bit 1 = "1"
Double noise
T26A
T38
f = 1.2 MHz, 15.8 mVp-p, pin 69 open
–32
–30
–28
dB
canceler characteristics 3
Gr2 bit 8/7 = "10", Gr5 bit 1 = "1"
Double noise
T26A
T38
f = 2.5 MHz, 15.8 mVp-p, pin 69 open
–9
–8
–7
dB
canceler characteristics 4
Gr2 bit 8/7 = "10", Gr5 bit 1 = "1"
Double noise
T26A
T38
f = 2.5 MHz, 15.8 mVp-p, pin 69 open
–17
–15
–13
dB
canceler characteristics 5
Gr2 bit 8/7 = "10", Gr5 bit 1 = "1"
PIC-CTL hard response
T26A
T38
f = 1 MHz, 158 mVp-p, Gr5 bit 6/5/4 = "1/0/0"
2.5
3.5
4.5
dB
characteristics 1
PIC-CTL hard response
T26A
T38
f = 2 MHz, 158 mVp-p, Gr5 bit 6/5/4 = "1/0/0"
6
7
8
dB
characteristics 2
PIC-CTL soft response
T26A
T38
f = 1 MHz, 158 mVp-p, Gr5 bit 6/5/4 = "0/0/0"
6
7
8
dB
characteristics 1
PIC-CTL soft response
T26A
T38
f = 2 MHz, 158 mVp-p, Gr5 bit 6/5/4 = "0/0/0"
–8
–7
–6
dB
characteristics 2
Sync tip level
T26A
T38
Pedestal level
–––
White level measurement
Simulated V insertion level
T26A
T38
–50
0
mV
Simulated H insertion level
T26A
T38
–100
0
mV
White insertion level
T26A
T38
–100
0
mV
Sync separation output level
T26A
T37
4.0
4.2
4.4
Vp-p
Sync separation output pulse
T26A
T37
4.35
4.65
4.95
µs
width
Sync separation output
T26A
T37
0.7
0.9
1.1
µs
Pre-delay time
4V regulator
T26A
T37
T31 DC level measured
3.8
4.0
4.2
V
FMAGC output level
T15
T17
325
350
375 mVp-p
+50
dB
dB
+3.5
+100
+100
CTL 1
Parameter
Symbol
Input
Output
Conditions
Unit
Ratings


Similar Part No. - LA71525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
Audio processor for VHS hi-fi
1997 Jun 16
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
Recording/Playback Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
Recording/Playback Amplifier for VHS VCRs
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
Global VHS-format VCR Video Signal Processor
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
VHS-format VCR Video Signal Processor
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
Global VHS-format VCR Video Signal Processor?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com