Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA71525M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LA71525M
Description  Video/audio signal processor for VHS VCRs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LA71525M Datasheet HTML 1Page - Sanyo Semicon Device LA71525M Datasheet HTML 2Page - Sanyo Semicon Device LA71525M Datasheet HTML 3Page - Sanyo Semicon Device LA71525M Datasheet HTML 4Page - Sanyo Semicon Device LA71525M Datasheet HTML 5Page - Sanyo Semicon Device LA71525M Datasheet HTML 6Page - Sanyo Semicon Device LA71525M Datasheet HTML 7Page - Sanyo Semicon Device LA71525M Datasheet HTML 8Page - Sanyo Semicon Device LA71525M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LA71525M
No. 5843-3/25
min
t y p
max
REC-FM output level
T18
Secondary distortion measured in no-signal input condition
–40
–35
dB
Secondary distortion
Deviation 1 (PAL)
T28A
T18
0.95
1.00
1.05
MHz
Deviation 2 (NTSC)
T28A
T18
0.95
1.00
1.05
MHz
FM modulator linearity
T26
T18
Output frequency set to f2.85 with 2.85V DC applied to
–2
0
%
T26
T18
Output frequency shift
6.5
7.8
9.1
kHz
Emphasis gain
T26A
T24
–0.75
–0.25
dB
T37
Detail
T26A
T24
0.1
0.6
1.1
dB
enhancer characteristics 1
Detail
T26A
T24
1.3
2.3
3.3
dB
enhancer characteristics 2
Detail
T26A
T24
1.8
3.3
4.8
dB
enhancer characteristics 3
Nonlinear
T26A
T24
0.3
1.2
2.1
dB
emphasis characteristics 1
Nonlinear
T26A
T24
2.5
3.8
5.0
dB
emphasis characteristics 2
Nonlinear
T26A
T24
6.5
8.0
9.5
emphasis characteristics 3
4.5
6.0
7.5
2.5
4.0
5.5
0
0
0
Main linear
T26A
T37
10.5
11.0
11.5
dB
emphasis characteristics 1
Main linear
T26A
T37
12.5
13.0
13.5
dB
emphasis characteristics 2
White clip level
T28A
T37
185
195
205
176
185
194
Dark clip level
T28A
T37
–57.5
–52.5
–47.5
–52.0
–47.0
–42.0
Video output linearity
T28A
T38
T38 stair levels measured with video signal 1.0 Vp-p
–0.5
0
dB
(linearity unit, 5 stairs) input. Stair linearity determined by
arithmetic processing.
[PB mode Y]
Current drain PB
5V: pins 36, 41, 47; 7V: pin 76
153
170
187
mA
Sum of influx current at pins 36, 41, 47, 76 measured
Dropout compensation time
T15
T38
T20: 4 MHz, 300 mVp-p sine wave
10.5
12.5
14.5
H
T26A
T26A: revert time for T38 output from when 0.5 Vp-p video
signal T15 input is set to 0
DOC characteristics
T15
T38
T15: 4 MHz, 300 mVp-p sine wave
–1.5
0
dB
T26A
T26A: 0.5 Vp-p video signal
Input/output response 5H after setting T15 input to 0
PB Y level
T15
T38
Playback Y level with DEV = 1.0 MHz FM signal input
2.00
2.10
2.20
Vp-p
Self-recording/playback Y level
T38
Playback Y level for self-recording/playback
1.93
2.10
2.27
Vp-p
+2
+0.5
+1.5
+0.25
dB
%
%
Parameter
Symbol
Input
Output
Conditions
Ratings
Unit
Continued from preceding page
1/2fH carrier shift
Continued on next page
HMOD
DEV1
LMOD
DEV2
GEMP24
GEMP37
CS
GENH2
GENH1
GENH3
GNLEMP1
GNLEMP2
GNLEMP3
GME1
GME2
LWC
LDC
LINY
ICCP
TDOC
GDOC
V-YOUT
R/P-OUT
T18 deviation measured with VIN = white 100% 1 Vp-p
T18 deviation measured with VIN = white 100% 1 Vp-p
Level difference of T26A and T37 measured with
VIN = 500 mVp-p, 10 kHz sine wave input
Level difference of T26A and T37 measured with
VIN = 158 mVp-p, 2 MHz sine wave input
Differential with GEMP24
Level difference of T26A and T24 measured with
VIN = 50 mVp-p, 2 MHz sine wave input
Differential with GEMP24
Level difference of T26A and T24 measured with
VIN = 15.8 mVp-p, 2 MHz sine wave input
Differential with GEMP24
Level difference of T26A and T24 measured with
VIN = 500 mVp-p, 2 MHz sine wave input
Differential with GEMP24
Level difference of T26A and T24 measured with
VIN = 158 mVp-p, 2 MHz sine wave input
Differential with GEMP24
Level difference of T26A and T24 measured
Serial 1
with VIN = 50 mVp-p, 2 MHz sine wave input
2
Differential with GEMP24
3
4
Level difference of T26A and T37 measured with
VIN = 50 mVp-p, 500 kHz sine wave input
Differential with GEMP37
Level difference of T26A and T37 measured with
VIN = 50 mVp-p, 2 MHz sine wave input
Differential with GEMP37
White clip level at T37 measured with
CTL 1
VIN = white 100% 1.0 Vp-p
2
Dark clip level at T37 measured with
CTL 1
VIN = white 100% 1.0 Vp-p
2


Similar Part No. - LA71525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
   Global VHS-format VCR Video Signal Processor
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com