Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA71525M Datasheet(PDF) 19 Page - Sanyo Semicon Device

Part # LA71525M
Description  Video/audio signal processor for VHS VCRs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 19 Page - Sanyo Semicon Device

Back Button LA71525M Datasheet HTML 15Page - Sanyo Semicon Device LA71525M Datasheet HTML 16Page - Sanyo Semicon Device LA71525M Datasheet HTML 17Page - Sanyo Semicon Device LA71525M Datasheet HTML 18Page - Sanyo Semicon Device LA71525M Datasheet HTML 19Page - Sanyo Semicon Device LA71525M Datasheet HTML 20Page - Sanyo Semicon Device LA71525M Datasheet HTML 21Page - Sanyo Semicon Device LA71525M Datasheet HTML 22Page - Sanyo Semicon Device LA71525M Datasheet HTML 23Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
LA71525M
No. 5843-19/25
Pin
number
Pin name
Standard DC voltage
Signal waveform
Equivalent circuit
REC 1.5V
DC
PB 1.5V
DC
Color 2.0V
killer 3.0V
61
KILL-FILT
ACK/SLD OUT
62
SERIAL-
CLOCK-IN
63
RL
(RO4)
59
BGP-OUT
60
ACK-OUT
MODE
SLD-OUT
MODE
DC
SYNC+BGP
SYNC 1.4V (typ)
BGP 4.0V or MORE
KILLER MODE 4V or MORE
COLOR MODE 0V
Continued from preceding page
Continued on next page
1H
0
µA
200
µA
A10369
0V
5V
A10371
1.6V
3.0V
1k
300
1k
1k
1k
A10366
59
REG
200
20k
50k
A10367
60
5k
1k
1.66k
1k
2.5V
A10368
61
200
260
2k
20k
2k
200
A10370
62
H
KIL
SLD
PULSE
50
µA
15k
25k
60k
300
3V
A10372
63


Similar Part No. - LA71525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
   Global VHS-format VCR Video Signal Processor
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com