Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA71525M Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LA71525M
Description  Video/audio signal processor for VHS VCRs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LA71525M Datasheet HTML 9Page - Sanyo Semicon Device LA71525M Datasheet HTML 10Page - Sanyo Semicon Device LA71525M Datasheet HTML 11Page - Sanyo Semicon Device LA71525M Datasheet HTML 12Page - Sanyo Semicon Device LA71525M Datasheet HTML 13Page - Sanyo Semicon Device LA71525M Datasheet HTML 14Page - Sanyo Semicon Device LA71525M Datasheet HTML 15Page - Sanyo Semicon Device LA71525M Datasheet HTML 16Page - Sanyo Semicon Device LA71525M Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LA71525M
No. 5843-13/25
Pin
number
Pin name
Standard DC voltage
Signal waveform
Equivalent circuit
REC-Y
REC 1.6V
PB 1.2V
REC 2.9V
PB 2.8V
27
Y-GND
0V
PB 0V
DC
REC 2.6V
PB 2.6V
PB 0V
28
VIDEO-IN1
FBC-FILT
(Feed Back Clamp)
29
VIDEO-IN2
30
25
CLAMP-IN
MAIN-DE-EMPH.
OUT
REC
VSYNC 1.7V
26
DC
REC
VSYNC 1.7V
Continued on next page
Continued from preceding page
A10306
500mVp-p
A10307
500mVp-p
A10309
500mVp-p
A10310
500mVp-p
A10312
1.0Vp-p
A10315
1.0Vp-p
25
640
µA
200
2.5k
A10308
26
A10311
30k
20k
15k
200
15k
500
400
µA
28
A10313
2.3V
200
Ω 50kΩ 10kΩ
22
µA24µA24µA
29
A10314
7.5k
200
20k
500
500
500
130
µA
30
A10316
2.3V
200
Ω 50kΩ 10kΩ
22
µA24µA24µA


Similar Part No. - LA71525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
Audio FM processor for VHS hi-fi audio
1995 Mar 21
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
Audio processor for VHS hi-fi
1997 Jun 16
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
Recording/Playback Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
Recording/Playback Amplifier for VHS VCRs
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
Global VHS-format VCR Video Signal Processor
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
VHS-format VCR Video Signal Processor
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
Global VHS-format VCR Video Signal Processor?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com