Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA71525M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA71525M
Description  Video/audio signal processor for VHS VCRs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA71525M Datasheet HTML 6Page - Sanyo Semicon Device LA71525M Datasheet HTML 7Page - Sanyo Semicon Device LA71525M Datasheet HTML 8Page - Sanyo Semicon Device LA71525M Datasheet HTML 9Page - Sanyo Semicon Device LA71525M Datasheet HTML 10Page - Sanyo Semicon Device LA71525M Datasheet HTML 11Page - Sanyo Semicon Device LA71525M Datasheet HTML 12Page - Sanyo Semicon Device LA71525M Datasheet HTML 13Page - Sanyo Semicon Device LA71525M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LA71525M
No. 5843-10/25
Continued from preceding page
Continued on next page
A10287
200mVp-p 627kHz
9
10
H
SL/LP
100
µA
200
A10283
11
VREF
100
µA
120k
500
500
A10284
12
50
µA(REC)
200
200
2.3V
1k
1k
1k
200
500
500
500
A10285
13
200
µA
2k
1k
50k
200
250
A10286
14
650
µA(REC)
200
A10288
Pin
number
Pin name
Standard DC voltage
Signal waveform
Equivalent circuit
REC
DC 3.3V
PB
CW, 95 mVp-p
REC DC 3.3V
PB CW, 95 mVp-p
PB
CW 95 mVp-p
AGC-TC1
REC 2.3V
DC
PB 2.3V
DC
REC 1.8V
PB 1.8V
REC 2.8V
PB 0V
11
A-LINE-PB-IN
3.3V
12
REC-C-OUT
ACC-FILT
13
14
A-EQ-SW1
3.3V
9
10
A-EQ-OUT
3.3V
DC
Carrier Leak
Balancer
REC
DC 3.3V


Similar Part No. - LA71525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
   Global VHS-format VCR Video Signal Processor
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com