Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA71525M Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA71525M
Description  Video/audio signal processor for VHS VCRs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA71525M Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA71525M Datasheet HTML 4Page - Sanyo Semicon Device LA71525M Datasheet HTML 5Page - Sanyo Semicon Device LA71525M Datasheet HTML 6Page - Sanyo Semicon Device LA71525M Datasheet HTML 7Page - Sanyo Semicon Device LA71525M Datasheet HTML 8Page - Sanyo Semicon Device LA71525M Datasheet HTML 9Page - Sanyo Semicon Device LA71525M Datasheet HTML 10Page - Sanyo Semicon Device LA71525M Datasheet HTML 11Page - Sanyo Semicon Device LA71525M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
LA71525M
No. 5843-8/25
VGLP
VGLR
THDL
VNOL
VOML
VOA
ALC
THDA
MPB
MA1
MA2
MA3
VGOE
VNIE
VGR
THDR
VOMR
ICCRA
ICCPA
VIN = –30 dBV
VIN = –30 dBV
VIN = –30 dBV
VIN = –66 dBV
VIN = –20 dBV
VIN = –20 dBV
Electrical Characteristics of Audio System
: VCC = 6.8V
: VCC = 7.5V
MTDCO
: VCC = 6.8V
: VCC = 7.5V
: VCC = 6.8V
: VCC = 7.5V
: VCC = 6.8V
: VCC = 7.5V
VIN = –28 dBV
VIN = –28 dBV
min
t y p
max
LINE AMP voltage gain (PB)
T11
T77
23.0
23.5
24.0
dB
LINE AMP voltage gain
T71
T77
23.0
23.5
24.0
dB
(A1, A2, A3)
T73
T75
LINE AMP distortion (PB)
T11
T77
0.01
0.1
0.4
%
LINE AMP
T77
Rg = 1 k
Ω, DIN audio filter
–80.0
–74.0
–70.5
dBV
Output noise voltage (PB)
LINE AMP
T11
T77
Output voltage for 1% THD
1.3
1.5
1.7
Maximum output voltage (PB)
1.5
1.7
1.9
Output voltage with
T73
T77
–7
–6
–5
dBV
LINE AMP ALC
LINE AMP ALC effect
T73
T77
T73 input level reduced from –28 dBV to –8 dBV
0
1
3
dB
LINE AMP ALC distortion
T73
T77
0.01
0.1
0.5
%
MUTE attenuation
T11
T77
–10 dBV signals applied to all inputs and MUTE enabled.
T71
T73
T75
EQ AMP open circuit voltage gain
T7
T10
58
64
70
dB
EQ AMP input converted noise
T10
Rg = 620
Ω, DIN audio filter
0.1
0.8
1.8
µVrms
voltage
REC AMP voltage gain
T79
T1
13.6
14.1
14.6
dB
REC AMP distortion
T79
T1
0.001
0.1
0.4
%
REC AMP
T79
T1
Output voltage for 1% THD
1.3
1.5
1.7
Maximum output voltage
Output voltage for 1% THD
1.5
1.7
1.9
Current drain (REC)
Influx current measured at pin 76
8.8
11.0
13.2
(no-signal condition)
9.2
11.5
13.8
Current drain (PB)
Influx current measured at pin 76
7.6
9.5
11.4
(no-signal condition)
8.0
10.0
12.0
DC offset voltage (PB) in MUTE
T77
DC offset voltage at pin 77 measured for MUTE ON
0
30
50
mV
condition
(no-signal condition)
Parameter
80
90
dB
80
90
dB
120
Vrms
mA
mA
Vrms
Symbol
Input
Output
Conditions
Unit
Ratings


Similar Part No. - LA71525M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7152 SANYO-LA7152 Datasheet
89Kb / 5P
   VCR Electronic Switch
More results

Similar Description - LA71525M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7191N SANYO-LA7191N Datasheet
146Kb / 11P
   Global VHS-format VCR Video Signal Processor
logo
NXP Semiconductors
TDA9615H PHILIPS-TDA9615H Datasheet
263Kb / 44P
   Audio processor for VHS hi-fi
1997 Jun 16
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
logo
NXP Semiconductors
TDA9610H PHILIPS-TDA9610H Datasheet
218Kb / 41P
   Audio FM processor for VHS hi-fi audio
1995 Mar 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com