Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C128M16D2 Datasheet(PDF) 59 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D2
Description  Auto Refresh and Self Refresh
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D2 Datasheet(HTML) 59 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D2 Datasheet HTML 55Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 56Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 57Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 58Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 59Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 60Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 61Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 62Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 63Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 75 page
background image
AS4C128M16D2
Confidential
58
Version
2.0 – Oct/2014
Output buffer characteristics
Output AC test conditions
Symbol
Parameter
SSTL_18
Units
Notes
VOTR
Output Timing Measurement Reference Level
0.5 x VDDQ
V
1
NOTE 1 The VDDQ of the device under test is referenced.
Output DC current drive
Symbol
Parameter
SSTl_18
Units
Notes
IOH(dc)
Output Minimum Source DC Current
- 13.4
mA
1, 3, 4
IOL(dc)
Output Minimum Sink DC Current
13.4
mA
2, 3, 4
NOTE 1 VDDQ = 1.7 V; VOUT = 1420 mV. (VOUT - VDDQ)/IOH must be less than 21
for values of VOUT between VDDQ and
VDDQ - 280 mV.
NOTE 2 VDDQ = 1.7 V; VOUT = 280 mV. VOUT/IOL must be less than 21
for values of VOUT between 0 V and 280 mV.
NOTE 3 The dc value of VREF applied to the receiving device is set to VTT
NOTE 4 The values of IOH(dc) and IOL(dc) are based on the conditions given in Notes 1 and 2. They are used to test device drive cur-
rent capability to ensure VIH min plus a noise margin and VIL max minus a noise margin are delivered to an SSTL_18 receiver. The
actual current values are derived by shifting the desired driver operating point (see Section 3.3 of JESD8-15A) along a 21
load line
to define a convenient driver current for measurement.


Similar Part No. - AS4C128M16D2

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D2A-25BCN ALSC-AS4C128M16D2A-25BCN Datasheet
2Mb / 63P
   Fully synchronous operation
AS4C128M16D2A-25BIN ALSC-AS4C128M16D2A-25BIN Datasheet
2Mb / 63P
   Fully synchronous operation
More results

Similar Description - AS4C128M16D2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com