Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C128M16D2 Datasheet(PDF) 50 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D2
Description  Auto Refresh and Self Refresh
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D2 Datasheet(HTML) 50 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D2 Datasheet HTML 46Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 47Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 48Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 49Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 50Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 51Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 52Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 53Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 54Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 75 page
background image
AS4C128M16D2
Confidential
49
Version
2.0 – Oct/2014
Clock enable (CKE) truth table for synchronous transitions
Current State 2
CKE
Command (N) 3
RAS, CAS, WE, CS
Action (N) 3
Notes
Previous Cycle 1
(N-1)
Current Cycle 1
(N)
Power Down
L
L
X
Maintain Power-Down
11, 13, 14
L
H
DESELECT or NOP
Power Down Exit
4, 8, 11,13
Self Refresh
L
L
X
Maintain Self Refresh
11, 14,15
L
H
DESELECT or NOP
Self Refresh Exit
4, 5, 9, 15
Bank(s) Active
H
L
DESELECT or NOP
Active Power Down Entry
4, 8, 10, 11, 13
All Banks Idle
H
L
DESELECT or NOP
Precharge Power Down Entry
4, 8, 10, 11,13
H
L
REFRESH
Self Refresh Entry
6, 9, 11,13
H
H
Refer to the Command Truth Table
7
NOTE 1 CKE (N) is the logic state of CKE at clock edge N; CKE (N–1) was the state of CKE at the previous clock edge. NOTE 2
Current state is the state of the DDR2 SDRAM immediately prior to clock edge N.
NOTE 3 COMMAND (N) is the command registered at clock edge N, and ACTION (N) is a result of COMMAND (N). NOTE 4
All states and sequences not shown are illegal or reserved unless explicitly described elsewhere in this document.
NOTE 5 On Self Refresh Exit DESELECT or NOP commands must be issued on every clock edge occurring during the tXSNR
period. Read commands may be issued only after tXSRD (200 clocks) is satisfied.
NOTE 6 Self Refresh mode can only be entered from the All Banks Idle state. NOTE
7 Must be a legal command as defined in the Command Truth Table.
NOTE 8 Valid commands for Power Down Entry and Exit are NOP and DESELECT only. NOTE 9
Valid commands for Self Refresh Exit are NOP and DESELECT only.
NOTE 10 Power Down and Self Refresh cannot be entered while Read or Write operations, (Extended) Mode Register Set
operations or Precharge operations are in progress. See section Power-down and Self refresh operation for a
detailed list of restrictions.
NOTE 11 tCKEmin of 3 clocks means CKE must be registered on three consecutive positive clock edges. CKE must remain at the
valid input level the entire time it takes to achieve the 3 clocks of registration. Thus, after any CKE transition, CKE may
not transition from its valid level during the time period of tIS + 2 x tCK + tIH.
NOTE 12 The state of ODT does not affect the states described in this table. The ODT function is not available during Self
Refresh.
NOTE 13 The Power Down does not perform any refresh operations. The duration of Power Down Mode is therefore limited by
the refresh requirements outlined in Refresh command section.
NOTE 14 “X” means “don’t care (including floating around VREF)” in Self Refresh and Power Down. However ODT must be
driven HIGH or LOW in Power Down if the ODT function is enabled (Bit A2 or A6 set to “1” in EMR(1) ).
NOTE 15 VREF must be maintained during Self Refresh operation.


Similar Part No. - AS4C128M16D2

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D2A-25BCN ALSC-AS4C128M16D2A-25BCN Datasheet
2Mb / 63P
   Fully synchronous operation
AS4C128M16D2A-25BIN ALSC-AS4C128M16D2A-25BIN Datasheet
2Mb / 63P
   Fully synchronous operation
More results

Similar Description - AS4C128M16D2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com