Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C128M16D2 Datasheet(PDF) 36 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D2
Description  Auto Refresh and Self Refresh
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D2 Datasheet(HTML) 36 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D2 Datasheet HTML 32Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 33Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 34Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 35Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 36Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 37Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 38Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 39Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 40Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 75 page
background image
AS4C128M16D2
Confidential
35
Version
2.0 – Oct/2014
Auto-Precharge Operation
Before a new row in an active bank can be opened, the active bank mustt be precharged using either the Pre- charge
Command or the Auto-Precharge function. When a Read or a Write Command is given to the DDR2 SDRAM, the CAS
timing accepts one extra address, column address A10, to allow the active bank to automatically begin precharge at
the earliest possible moment during the burst read or write cycle. If A10 is low when the Read or Write Command is
issued, then normal Read or Write burst operation is executed and the bank remains active at the completion of the
burs t sequence. If A10 is high when the Read or Write Command is issued, then the Auto-Precharge function is
enabled. During Auto-Precharge, a Read Command will execute as normal with the exception that the active bank will
begin to precharge internally on the rising edge which is CAS Latency (CL) clock cycles before the end of the read burst.
Auto-Precharge is also implemented for Write Commands. The precharge operation engaged by the Auto-Precharge
command will not begin until the last data of the write burst sequence is properly stored in the memory array. This
feature allows the pre- charge operation to be partially or completely hidden during burst read cycles (dependent upon
CAS Latency) thus improving system performance for random data access. The RAS lockout circuit internally delays
the Precharge operation until the array restore operation has been completed so that the Auto-Precharge command
may be issued with any read or write command.
Burst Read with Auto-Precharge
If A10 is high when a Read Command is issued, the Read with Auto-Precharge function is engaged. The DDR2
SDRAM starts an Auto-Precharge operation on the rising edge which is (AL + BL/2) cycles later from the Read with AP
command if tRAS(min) and tRTP are satisfied. If tRAS(min) is not satisfied at the edge, the s tart point of Auto-
Precharge operation will be delayed until tRAS(min) is satisfied. If tRTP(min) is not satisfied at the edge, the start point
of Auto-precharge operation will be delayed until tRTP(min) is satisfied.
In case the internal precharge is pushed out by tRTP, tRP starts at the point where the internal precharge happens
(not at the next rising clock edge after this event). Sofor BL = 4 the minimum time from Read with Auto-Precharge to
the next Activate command becomes AL + tRTP + tRP. For BL = 8 the time from Read with Auto-Precharge to the next
Activate command is AL + 2 + tRTP + tRP. Note thatt both parameters tRTP and tRP have to be rounded up to the
next integer value. In any event internal precharge does not s tart earlier than two clocks after the last t 4-bit
prefetch.
A new bank active (command) may be issued to the same bank if the following two conditions are satisfied
simultaneously:
(1) The RAS precharge time (tRP) has been satisfied from the clock at which the Auto-Precharge begins.
(2) The RAS cycle time (tRC) from the previous bank activation has been satisfied.


Similar Part No. - AS4C128M16D2

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D2A-25BCN ALSC-AS4C128M16D2A-25BCN Datasheet
2Mb / 63P
   Fully synchronous operation
AS4C128M16D2A-25BIN ALSC-AS4C128M16D2A-25BIN Datasheet
2Mb / 63P
   Fully synchronous operation
More results

Similar Description - AS4C128M16D2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com