Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C128M16D2 Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C128M16D2
Description  Auto Refresh and Self Refresh
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C128M16D2 Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C128M16D2 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C128M16D2 Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 75 page
background image
AS4C128M16D2
Confidential
9
Version
2.0 – Oct/2014
V59C1G02168QCP Rev.1.0 December 2012
DDR2 SDRAM Extended Mode Register Set
EMRS(1)
The extended mode register(1) stores the data for enabling or disabling the DLL, output driver strength,
ODT value selection and additive latency. The default value of the extended mode register is not defined,
therefore the extended mode register must be written after power-up for proper operation. Extended mode
register(1) is written by asserting low on CS, RAS, CAS, WE and high on BA0 and low on BA1, and control-
ling rest of pins A0 ~ A13.
The DDR2 SDRAM should be in all bank precharge with CKE already high prior to writing into the extended
mode register. The mode register set command cycle time (tMRD) must be satisfied to complete the write
operation to the extended mode register. Mode register contents can be changed using the same command
and clock cycle requirements during normal operation as long as all banks are in the precharge state. A0 is
used for DLL enable or disable. A1 is used for enabling reduced strength data-output drive. A3~A5 deter-
mines the additive latency. A2 and A6 are used for ODT value selection, A7~A9 are used for OCD control,
A10 is used for DQS disable and A11 is used for RDQS enable.
DLL Enable / Disable
The DLL must be enabled for normal operation. DLL enable is required during power up initialization, and
upon returning to normal operation after having the DLL disabled. The DLL is automatically disabled when
entering self refresh operation and is automatically re-enabled upon exit of self refresh operation. Any time
the DLL is enabled (and subsequently reset), 200 clock cycles must occur before a Read command can be
issued to allow time for the internal clock to be synchronized with the external clock. Failing to wait for syn-
chronization to occur may result in a violation of the tAC or tDQSCK parameters.


Similar Part No. - AS4C128M16D2

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D2A-25BCN ALSC-AS4C128M16D2A-25BCN Datasheet
2Mb / 63P
   Fully synchronous operation
AS4C128M16D2A-25BIN ALSC-AS4C128M16D2A-25BIN Datasheet
2Mb / 63P
   Fully synchronous operation
More results

Similar Description - AS4C128M16D2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42RM16800F ISSI-IS42RM16800F Datasheet
465Kb / 27P
   Auto refresh and self refresh
IS42SM16200D ISSI-IS42SM16200D Datasheet
477Kb / 33P
   Auto refresh and self refresh
IS42VM16160K ISSI-IS42VM16160K Datasheet
865Kb / 34P
   Auto refresh and self refresh
IS42SM32100D ISSI-IS42SM32100D Datasheet
839Kb / 33P
   Auto refresh and self refresh
IS42SMVM32200M ISSI-IS42SMVM32200M Datasheet
852Kb / 33P
   Auto refresh and self refresh
logo
Alliance Semiconductor ...
16MX16-DDR1-AS4C16M16D1A ALSC-16MX16-DDR1-AS4C16M16D1A Datasheet
2Mb / 64P
   Auto Refresh and Self Refresh
logo
Integrated Silicon Solu...
IS43R16160 ISSI-IS43R16160 Datasheet
1Mb / 37P
   Auto refresh and Self refresh
IS42VM16800G ISSI-IS42VM16800G Datasheet
470Kb / 33P
   Auto refresh and self refresh
IS42SM16800F ISSI-IS42SM16800F Datasheet
253Kb / 27P
   Auto refresh and self refresh
IS42VM32160E ISSI-IS42VM32160E Datasheet
881Kb / 33P
   Auto refresh and self refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com