Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXS-3225-04-04 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AXS-3225-04-04
Description  Highest quality socket available
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AXS-3225-04-04 Datasheet(HTML) 1 Page - Abracon Corporation

  AXS-3225-04-04 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CERTIFIED
AXS-3225-04-04
CRYSTAL TEST & BURN IN SOCKET
|||||||||||||| |
FEATURES:
APPLICATIONS:
APPLICATIONS:
END VIEW:
SIDE VIEW (OPEN):
POCKET TOP VIEW:
PIN DIMENSIONS:
Precision test socket for 3.2 x 2.5mm,
4 pad crystal packages.
ORDERING INFORMATION:
When ordering, please refer to part number
AXS-3225-04-04
Pb RoHS
Compliant
• Design stage component engineering evaluation
• Supplier comparison tests
• High temperature burn-in board testing
• Prototyping
• Accurate and reliable testing of frequency control devices
• Contact force ideal for avoiding measurement error
• Highest quality socket available
• Clam shell design for easy open and close
• Reliable gold plated POGO pins
• Suitable for high temperature burn-in test
• Operating Temperature: -30 ~ +150˚C
Dimensions: mm
RECOMMENED FOR USE WITH DEVICE PACKAGE DIMENSIONS:
3.2 x 2.5 x 0.6mm
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 02.15.16
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC
ABM81 (forapdfdownloadgotowww.abracon.com/Resonators/abm81.pdf)
ABM82 (forapdfdownloadgotowww.abracon.com/Resonators/abm82.pdf)
* ABRACON test and burn in sockets are compatible with all
industry standard frequency control packages.
SUITABLE CRYSTAL PACKAGE DIMENSIONS:
COMPATIBLE ABRACON SURFACE MOUNT CRYSTAL:


Similar Part No. - AXS-3225-04-04

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-3225-04-01 ABRACON-AXS-3225-04-01 Datasheet
394Kb / 1P
   Reliable gold plated POGO pins
07.10.09
AXS-3225-04-02 ABRACON-AXS-3225-04-02 Datasheet
405Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-3225-04-05 ABRACON-AXS-3225-04-05 Datasheet
418Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-3225-04-06 ABRACON-AXS-3225-04-06 Datasheet
403Kb / 1P
   Clam shell design for easy open and close
07.10.09
AXS-3225-04-07 ABRACON-AXS-3225-04-07 Datasheet
399Kb / 1P
   Reliable gold plated POGO pins
07.10.09
More results

Similar Description - AXS-3225-04-04

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-2012-02-04 ABRACON-AXS-2012-02-04 Datasheet
420Kb / 1P
   Highest quality socket available
07.10.09
logo
List of Unclassifed Man...
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
   Highest quality for the most demanding applications
702-0400 ETC2-702-0400 Datasheet
415Kb / 1P
   PROFESSIONAL QUALITY - PANEL SOCKET
logo
HB Electronic Component...
20VAL12HW6C HB-20VAL12HW6C Datasheet
116Kb / 2P
   Highest Flux
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
   Highest Flux
E12NW6C HB-E12NW6C Datasheet
270Kb / 4P
   Highest Flux White
S30NW6C HB-S30NW6C Datasheet
227Kb / 4P
   Highest Flux White
E12RGB-3W HB-E12RGB-3W Datasheet
682Kb / 1P
   Highest Luminous Flux
LED-S12LY9C HB-LED-S12LY9C Datasheet
167Kb / 2P
   Highest Flux Yellow
S51NW6C HB-S51NW6C Datasheet
280Kb / 4P
   Highest Flux White
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com