Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8402A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8402A
Description  DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8402A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DP8402A Datasheet HTML 6Page - National Semiconductor (TI) DP8402A Datasheet HTML 7Page - National Semiconductor (TI) DP8402A Datasheet HTML 8Page - National Semiconductor (TI) DP8402A Datasheet HTML 9Page - National Semiconductor (TI) DP8402A Datasheet HTML 10Page - National Semiconductor (TI) DP8402A Datasheet HTML 11Page - National Semiconductor (TI) DP8402A Datasheet HTML 12Page - National Semiconductor (TI) DP8402A Datasheet HTML 13Page - National Semiconductor (TI) DP8402A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Over Operating Free-Air Temperature Range (unless otherwise noted)
Supply Voltage VCC (See Note 1)
7V
Input Voltage CB and DB
55V
All Others
7V
Operating Free-Air Temperature Military b55 Cto a125 C
Commercial
0 to a70 C
Storage Temperature Range
b
65 Cto a150 C
Recommended Operating Conditions
Symbol
Parameter
Conditions
Military
Commercial
Units
Min
Typ
Max
Min Typ
Max
VCC
Supply Voltage
45
5
55
45
5
55
V
VIH
High-Level Input Voltage
2
2
V
VIL
Low-Level Input Voltage
08
08
V
IOH
High-Level Output Current
ERR Or MERR
b
04
b
04
mA
DB Or CB
DP8402A DP8404
b
1
b
26
IOL
Low-Level Output Current
ERR Or MERR
48
mA
DB or CB
12
24
tw
Pulse Duration
LEDBO Low
25
25
ns
(1) Data And Check Word Before S0
u
15
10
(S1 e H)
(2) SO High Before LEDBO
u (S1 e H)
45
45
(3) LEDBO High Before The Earlier
00
of S0
v or S1v
tsu
Setup Time
(4) LEDBO High Before S1
u (S0 e H)
0
0
ns
(5) Diagnostic Data Word Before S1
u
15
10
(S0 e H)
(6) Diagnostic Check Word Before
15
10
The Later Of S1
v or S0u
(7) Diagnostic Data Word Before
25
20
LEDBO
u (S1 e L and S0 e H)
(8) Read-Mode S0 Low And S1 High
35
30
(9) Data And Check Word After
20
15
S0
u (S1 e H)
th
Hold Time
(10) Data Word After S1
u (S0 e H)
20
15
ns
(11) Check Word After The Later
20
15
of S1
v or S0u
(12) Diagnostic Data Word After
00
LEDBO
u (S1 e L And S0 e H)
tcorr
Correction Time (see
Figure 1 )
65
58
ns
TA
Operating Free-Air Temperature
b
55
125
0
70
C
This specification may be interpreted as the maximum delay to guarantee valid corrected data at the output and includes the tsu setup delay
These times ensure that corrected data is saved in the output data latch
These times ensure that the diagnostic data word is saved in the output data latch
10


Similar Part No. - DP8402A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
   Scotch-Weld??Acrylic Adhesives
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
DP8406QV NSC-DP8406QV Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
DP8406V NSC-DP8406V Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
More results

Similar Description - DP8402A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
logo
Intersil Corporation
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Renesas Technology Corp
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com