Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8402A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8402A
Description  DP8402A/DP8403/DP8404/DP8405 32-Bit Parallel Error Detection and Correction Circuits (EDACs)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8402A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DP8402A Datasheet HTML 1Page - National Semiconductor (TI) DP8402A Datasheet HTML 2Page - National Semiconductor (TI) DP8402A Datasheet HTML 3Page - National Semiconductor (TI) DP8402A Datasheet HTML 4Page - National Semiconductor (TI) DP8402A Datasheet HTML 5Page - National Semiconductor (TI) DP8402A Datasheet HTML 6Page - National Semiconductor (TI) DP8402A Datasheet HTML 7Page - National Semiconductor (TI) DP8402A Datasheet HTML 8Page - National Semiconductor (TI) DP8402A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Memory Read Cycle (Error Detection
Correction Details) (Continued)
1) Single data bit errors cause 3 or 5 bits in the syndrome
word to go low The columns of the check bit syndrome
matrix (TABLE II) are the syndrome words for all single bit
data errors in the 32 bit word (also see TABLE V) The
data bit in error corresponds to the column in the check
bit syndrome matrix that matches the syndrome word
For instance the syndrome word indicating that data bit
31 is in error would be (CB6-CB0) e ‘‘0001010’’ see the
column for data bit 31 in TABLE II or see TABLE V
During mode 3 (S0 e S1 e 1) the syndrome word is
decoded during single data bit errors and used to invert
the bit in error thus correcting the data word The correct-
ed word is made available on the data IO port (DB0 thru
DB31) the check word IO port (CB0 thru CB6) presents
the 7-bit syndrome error code This syndrome error code
can be used to locate the bad memory chip
2) A single check bit error will cause that particular check bit
to go low in the syndrome word
3) A double bit error will cause an even number of bits in the
syndrome word to go low The syndrome word will then
be the EXCLUSIVE NOR of the two individual syndrome
words corresponding to the 2 bits in error The two-bit
error is not correctable since the parity tree can only
identify single bit errors
If any of the bits in the syndrome word are low the ‘‘ERR’’
flag goes low The ‘‘MERR’’ (dual error) flag goes low during
any double bit error conditions (See Table III)
Three or more simultaneous bit errors can cause the EDAC
to believe that no error a correctable error or an uncorrect-
able error has occurred and will produce erroneous results
in all three cases It should be noted that the gross-error
conditions of all lows and all highs will be detected
TABLE V Syndrome Decoding
Syndrome Bits
Error
6 5 43210
L L LLLLL
unc
L L LLLL H
2-bit
L L L L L H L
2-bit
LL L L L HH
unc
L L L L H L L
2-bit
L L L LHLH
unc
LL L L HH L
unc
L L L L H H H
2-bit
L L L H L L L
2-bit
L LLHL LH
unc
L LLHLHL DB31
L LLHLH H
2-bit
L LLH HL L
unc
L L L H H L H
2-bit
L L L H H H L
2-bit
LL L HHHH DB30
L L H LLLL
2-bit
LLH L L L H
unc
L L H L L H L DB29
L L H L L H H
2-bit
L L HLHL L DB28
L L HLHLH
2-bit
L L H L H H L
2-bit
L L H L H H H DB27
LLHH L L L DB26
LLHH L L H
2-bit
L L H HLHL
2-bit
L L H H L H H DB25
LLHHH L L
2-bit
LLHHH L H DB24
LLHHHH L
unc
LLHHHHH
2-bit
CB X e error in check bit X
DB Y e error in data bit Y
2-bit e double-bit error
unc e uncorrectable multibit error
Syndrome Bits
Error
6 543210
L H L L L L L
2-bit
L H LLLL H
unc
L H L L LHL
DB7
L H L L L H H
2-bit
L H L L H L L
DB6
L H L L H L H
2-bit
L H L L H H L
2-bit
LH L L HHH
DB5
L HLHL L L
DB4
L H L H L L H
2-bit
L H L H L H L
2-bit
L HLHLH H
DB3
L H L H H L L
2-bit
L HLH HLH
DB2
L HLH H H L
unc
L H L H H H H
2-bit
LHH L L L L
DB0
L H H L L L H
2-bit
L H H L L H L
2-bit
LHH L L HH
unc
L H H L H L L
2-bit
LHH L H L H
DB1
LHH L H H L
unc
L H H L H H H
2-bit
LHHH L L L
2-bit
LHHH L L H
unc
LHHH L H L
unc
LHHH L H H
2-bit
LHHHH L L
unc
LHHHH L H
2-bit
LHHHHH L
2-bit
LHHHHHH
CB6
Syndrome Bits
Error
654 3 2 1 0
H L L L L L L
2-bit
H L LLLL H
unc
H L L L LHL
unc
H L L L L H H
2-bit
H L L L H L L
unc
H L L L H L H
2-bit
H L L L H H L
2-bit
HL L L HHH
unc
H LLHL L L
unc
H L L H L L H
2-bit
H L L H L H L
2-bit
H L L H L H H DB15
H L L H H L L
2-bit
H LLH HLH
unc
H L L H H H L DB14
H L L H H H H
2-bit
HLH L L L L
unc
H L H L L L H
2-bit
H L H L L H L
2-bit
H L H L L H H DB13
H L H L H L L
2-bit
H L H L H L H DB12
H L H L H H L DB11
H L H L H H H
2-bit
HLHH L L L
2-bit
HLHH L L H DB10
HLHH L H L
DB9
HLHH L H H
2-bit
HLHHH L L
DB8
HLHHH L H
2-bit
HLHHHH L
2-bit
HLHHHHH
CB5
Syndrome Bits
Error
6543210
H H LLLLL
unc
H H LLLL H
2-bit
H H L L L H L
2-bit
H H L L L H H DB23
H H L L H L L
2-bit
H H L LHLH DB22
H H L L H H L DB21
H H L L H H H
2-bit
H H L H L L L
2-bit
H HLHL LH DB20
H HLHLHL DB19
H HLHLH H
2-bit
H H L H H L L DB18
H H L H H L H
2-bit
H H L H H H L
2-bit
HH L HHHH
CB4
H H H LLLL
2-bit
H H H L L L H DB16
HHH L L H L
unc
H H H L L H H
2-bit
H H HLHL L DB17
H H HLHLH
2-bit
H H H L H H L
2-bit
HHH L HHH
CB3
HHHH L L L
unc
HHHH L L H
2-bit
H H H HLHL
2-bit
HHHH L H H
CB2
HHHHH L L
2-bit
HHHHH L H
CB1
HHHHHH L
CB0
HHHHHHH none
5


Similar Part No. - DP8402A

ManufacturerPart #DatasheetDescription
logo
3M Electronics
DP8405NS 3M-DP8405NS Datasheet
141Kb / 7P
   Scotch-Weld??Acrylic Adhesives
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
DP8406QV NSC-DP8406QV Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
DP8406V NSC-DP8406V Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
More results

Similar Description - DP8402A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8406 NSC-DP8406 Datasheet
225Kb / 14P
   32-Bit Parallel Error Detection and Correction Circuit
logo
Texas Instruments
SN54LS630 TI-SN54LS630 Datasheet
352Kb / 9P
[Old version datasheet]   16-BIT PARALLEL ERROR DETECTION AND CORRECTION CIRCUITS
logo
Integrated Device Techn...
IDT49C460 IDT-IDT49C460 Datasheet
714Kb / 32P
   32-BIT CMOS ERROR DETECTION AND CORRECTION UNIT
IDT49C465 IDT-IDT49C465 Datasheet
402Kb / 38P
   32-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193 Datasheet
62Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
logo
Integrated Device Techn...
IDT49C466 IDT-IDT49C466 Datasheet
234Kb / 27P
   64-BIT FLOW-THRU ERROR DETECTION AND CORRECTION UNIT
logo
ON Semiconductor
MC10E193 ONSEMI-MC10E193 Datasheet
108Kb / 4P
   ERROR DETECTION/ CORRECTION CIRCUIT
REV 3
logo
Micrel Semiconductor
SY10E193 MICREL-SY10E193_06 Datasheet
65Kb / 5P
   ERROR DETECTION/CORRECTION CIRCUIT
logo
Intersil Corporation
ACTS630MS INTERSIL-ACTS630MS Datasheet
489Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
logo
Renesas Technology Corp
ACTS630MS RENESAS-ACTS630MS Datasheet
683Kb / 4P
   Radiation Hardened EDAC (Error Detection and Correction)
January 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com