Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA0612KRX7R9BN121 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CA0612KRX7R9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0612KRX7R9BN121 Datasheet(HTML) 4 Page - YAGEO Corporation

  CA0612KRX7R9BN121 Datasheet HTML 1Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 2Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 3Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 4Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 5Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 6Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 7Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 8Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
4
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
CAPACITANCE RANGE & THICKNESS FOR 4C-ARRAY
Table 2 Temperature characteristic material from NP0
CAPACITANCE
0508 (4 x 0402)
0612 (4 x 0603)
50 V
100V
50 V
100V
10 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
15 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
18 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
22 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
33 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
39 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
47 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
56 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
68 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
82 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
100 pF
0.6± 0.1
0.6± 0.1
0.8± 0.1
0.8± 0.1
120 pF
0.6± 0.1
0.8± 0.1
0.8± 0.1
150 pF
0.6± 0.1
0.8± 0.1
0.8± 0.1
180 pF
0.6± 0.1
0.8± 0.1
0.8± 0.1
220 pF
0.6± 0.1
0.8± 0.1
0.8± 0.1
270 pF
0.8± 0.1
0.8± 0.1
330 pF
0.8± 0.1
0.8± 0.1
390 pF
0.8± 0.1
0.8± 0.1
470 pF
0.8± 0.1
0.8± 0.1
560 pF
680 pF
820 pF
1.0 nF
NOTE
Values in shaded cells indicate thickness class in mm


Similar Part No. - CA0612KRX7R9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CA0612KRX7R9BN473 YAGEO-CA0612KRX7R9BN473 Datasheet
391Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CA0612KRX7R9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com