Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA0612KRX7R9BN121 Datasheet(PDF) 14 Page - YAGEO Corporation

Part # CA0612KRX7R9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0612KRX7R9BN121 Datasheet(HTML) 14 Page - YAGEO Corporation

Back Button CA0612KRX7R9BN121 Datasheet HTML 9Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 10Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 11Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 12Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 13Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 14Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 15Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 16Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 17Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
14
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Bond
Strength of
Plating on
End Face
IEC 60384-
21/22
4.8
Mounting in accordance with IEC 60384-22
paragraph 4.3
No visible damage
Conditions: bending 1 mm at a rate of 1 mm/s,
radius jig 5 mm
Δ C/C Class 1:
NP0: within ± 1% or 0.5 pF, whichever is greater
Class2:
X5R/X7R/Y5V: ± 10%
Resistance to
Soldering
Heat
4.9
Precondition: 150 +0/–10 °C for 1 hour, then
keep for 24 ± 1 hours at room temperature
Preheating: for size ≤ 1206: 120 °C to 150 °C for
1 minute
Preheating: for size >1206: 100 °C to 120 °C for
1 minute and 170 °C to 200 °C for 1 minute
Solder bath temperature: 260 ± 5 °C
Dipping time: 10 ± 0.5 seconds
Recovery time: 24 ±2 hours
Dissolution of the end face plating shall not
exceed 25% of the length of the edge
concerned
Δ C/C Class 1:
NP0: within ± 0.5% or 0.5 pF, whichever is
greater
Class2:
X5R/X7R: ± 10% Y5V: ± 20%
D.F. within initial specified value
Rins within initial specified value
Solderability
4.10 Preheated the temperature of 80 °C to 140 °C
and maintained for 30 seconds to 60 seconds.
Test conditions for lead containing solder alloy
Temperature: 235 ± 5 °C
Dipping time: 2 ± 0.2 seconds
Depth of immersion: 10 mm
Alloy Composition: 60/40 Sn/Pb
Number of immersions: 1
Test conditions for leadfree containing solder alloy
Temperature: 245 ± 5 °C
Dipping time: 3 ± 0.3 seconds
Depth of immersion: 10 mm
Alloy Composition: SAC305
Number of immersions: 1
The solder should cover over 95% of the critical
area of each termination


Similar Part No. - CA0612KRX7R9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CA0612KRX7R9BN473 YAGEO-CA0612KRX7R9BN473 Datasheet
391Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CA0612KRX7R9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com