Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA0612KRX7R9BN121 Datasheet(PDF) 13 Page - YAGEO Corporation

Part # CA0612KRX7R9BN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0612KRX7R9BN121 Datasheet(HTML) 13 Page - YAGEO Corporation

Back Button CA0612KRX7R9BN121 Datasheet HTML 9Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 10Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 11Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 12Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 13Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 14Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 15Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 16Page - YAGEO Corporation CA0612KRX7R9BN121 Datasheet HTML 17Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.yageo.com
Nov. 10, 2015 V.4
Surface-Mount Ceramic Multilayer Capacitors
13
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
Coefficient
4.6
Capacitance shall be measured by the steps shown in the following
table.
The capacitance change should be measured after 5 min at each
specified temperature stage.
Step
Temperature(℃)
a
25± 2
b
Lower temperature± 3℃
c
25± 2
d
Upper Temperature± 2℃
e
25± 2
(1) Class I
Temperature Coefficient shall be calculated from the formula as
below
Temp, Coefficient =
6
10
T
x
C1
C1
-
C2
Δ
[ppm/℃]
C1: Capacitance at step c
C2: Capacitance at 125℃
∆T: 100℃(=125℃-25℃)
(2) Class II
Capacitance Change shall be calculated from the formula as below
∆C =
C1
C1
-
C2
x 100%
C1: Capacitance at step c
C2: Capacitance at step b or d
Class1: Δ C/C: ± 30ppm
Class2: X7R: Δ C/C: ± 15%
Y5V: Δ C/C: 22~-82%
Adhesion
4.7
A force applied for 10 seconds to the line joining the terminations
and in a plane parallel to the substrate
Force
size ≥ 0603: 5N
size = 0402: 2.5N
size = 0201: 1N


Similar Part No. - CA0612KRX7R9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CA0612KRX7R9BN473 YAGEO-CA0612KRX7R9BN473 Datasheet
391Kb / 17P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CA0612KRX7R9BN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com