Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61160DRVTG4 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160DRVTG4
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160DRVTG4 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS61160DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 15Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 16Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 17Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 18Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
15
TPS61160, TPS61161
www.ti.com
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.4 External PWM Dimming
For assistance in selecting the proper values for RSET, R1-R3, RFLTR, CFLTR and D2 for the specific
application, refer to How to Use Analog Dimming With the TPS6116x (SLVA471) and/or Design Tool for Analog
Dimming Using a PWM Signal (SLVC366). Also see Choosing Component Values.
7.5 Programming
7.5.1 EasyScale: One-Wire Digital Dimming
EasyScale is a simple but flexible one pin interface to configure the FB voltage. The interface is based on a
master-slave structure, where the master is typically a microcontroller or application processor. Figure 14 and
Table 2 give an overview of the protocol. The protocol consists of a device specific address byte and a data byte.
The device specific address byte is fixed to 72 hex. The data byte consists of five bits for information, two
address bits, and the RFA bit. The RFA bit set to high indicates the Request for Acknowledge condition. The
Acknowledge condition is only applied if the protocol was received correctly. The advantage of EasyScale
compared with other one-pin interfaces is that its bit detection is in a large extent independent from the bit
transmission rate. It can automatically detect bit rates from 1.7 kBit/sec and up to 160 kBit/sec.


Similar Part No. - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Similar Description - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com