Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61160DRVTG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160DRVTG4
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160DRVTG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61160DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 15Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 16Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 17Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
VBG
200 mV
Error
Amplifier
FB
CTRL
COMP
14
TPS61160, TPS61161
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
As shown in Figure 13, the device chops up the internal 200-mV reference voltage at the duty cycle of the PWM
signal. The pulse signal is then filtered by an internal low pass filter. The output of the filter is connected to the
error amplifier as the reference voltage for the FB pin regulation. Therefore, although a PWM signal is used for
brightness dimming, only the WLED DC current is modulated, which is often referred as analog dimming. This
eliminates the audible noise which often occurs when the LED current is pulsed in replica of the frequency and
duty cycle of PWM control. Unlike other scheme which filters the PWM signal for analog dimming, TPS61160,
TPS61161 regulation voltage is independent of the PWM logic voltage level which often has large variations.
For optimum performance, use the PWM dimming frequency in the range of 5 kHz to 100 kHz. The requirement
of minimum dimming frequency comes from the EasyScale detection delay and detection time specification in the
dimming mode selection. Since the CTRL pin is logic only pin, adding an external RC filter applied to the pin
does not work.
Figure 13. Block Diagram of Programmable FB Voltage Using PWM Signal
To use lower PWM dimming, add an external RC network connected to the FB pin as shown in Figure 19.
7.4.3 Digital One-Wire Brightness Dimming
The CTRL pin features a simple digital interface to allow digital brightness control. The digital dimming can save
the processor power and battery life as it does not require a PWM signal all the time, and the processor can
enter idle mode if available.
The TPS61160 or TPS61161 adopts the EasyScale protocol for the digital dimming, which can program the FB
voltage to any of the 32 steps with single command. The step increment increases with the voltage to produce
pseudo logarithmic curve for the brightness step. See the Table 1 for the FB pin voltage steps. The default step
is full scale when the device is first enabled (VFB = 200 mV). The programmed reference voltage is stored in an
internal register. A power reset clears the register value and reset it to default.
Do not use EasyScale to change the feedback voltage from 0 mV, effectively disabling the device, to any other
voltage. One alternative is to start with VFB = 10 mV and go to a higher voltage. Another alternative is to disable
the device by taking the CTRL pin low for 2.5 ms and then re-enter EasyScale to force a soft start from VFB = 0
mV to the default 200 mV.


Similar Part No. - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Similar Description - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com