Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61160DRVTG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160DRVTG4
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160DRVTG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61160DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 15Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
FB
LED
SET
V
I
R
12
TPS61160, TPS61161
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Open LED Protection
Open LED protection circuitry prevents device damage as the result of white LED disconnection. The TPS61160
and TPS61161 monitor the voltage at the SW pin and FB pin during each switching cycle. The circuitry turns off
the switch FET and shuts down the device when both of the following conditions persist for 8 switching clock
cycles:
1. The SW voltage exceeds the VOVP threshold; and
2. The FB voltage is less than half of regulation voltage.
As a result, the output voltage falls to the level of the input supply. The device remains in shutdown mode until it
is enabled by toggling the CTRL pin logic. To allow the use of inexpensive low-voltage output capacitor, the
TPS61160/1 has different open lamp protection thresholds. The threshold is set at 26 V for the TPS61160 and
38 V for the TPS61161. Select the appropriate device so that the product of the number of external LEDs and
each LED's maximum forward voltage plus the 200 mV reference voltage does not exceed the minimum OVP
threshold or (nLEDS × VLED(MAX)) + 200 mV ≤ VOVP(MIN).
7.3.3 Current Program
The FB voltage is regulated by a low 0.2-V reference voltage. The LED current is programmed externally using a
current-sense resistor in series with the LED string. The value of the RSET is calculated using Equation 1:
where
ILED = output current of LEDs
VFB = regulated voltage of FB
RSET = current sense resistor
(1)
The output current tolerance depends on the FB accuracy and the current sensor resistor accuracy.
7.3.4 LED Brightness Dimming Mode Selection
The CTRL pin is used for the control input for both dimming modes, PWM dimming and one-wire dimming. The
dimming mode for the TPS61160 or TPS61161 is selected each time the device is enabled. The default dimming
mode is PWM dimming. To enter the one-wire mode, the following digital pattern on the CTRL pin must be
recognized by the device every time the device starts from the shutdown mode.
1. Pull CTRL pin high to enable the TPS61160 or TPS61161 and to start the one-wire detection window.
2. After the EasyScale detection delay (tes_delay, 100 μs) expires, drive CTRL low for more than the EasyScale
detection time (tes_detect, 260 μs).
3. The CTRL pin has to be low for more than EasyScale detection time before the EasyScale detection window
(tes_win, 1 msec) expires. EasyScale detection window starts from the first CTRL pin low to high transition.
The device immediately enters the one-wire mode once the above three conditions are met. the EasyScale
communication can start before the detection window expires. Once the dimming mode is programmed, it can
not be changed without another start-up. This means the device needs to be shutdown by pulling the CTRL low
for 2.5 ms and restarts. See Figure 12 for a graphical explanation.


Similar Part No. - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Similar Description - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com