Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61160DRVTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160DRVTG4
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160DRVTG4 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61160DRVTG4 Datasheet HTML 1Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 2Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 3Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 4Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 5Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
C1
D1
VIN
SW
FB
GND
CTRL
COMP
C2
20 mA
TPS61161–Q1
ON/OFF
DIMMING
CONTROL
38 V Max
L1
22
H
m
1
F
m
C3
220 nF
R
10
set
W
1
F
m
L1: TDK VLCF5020T-220MR75-1
C1: Murata GRM188R61E105K
C2: Murata GRM21BR71H105K
D1: ONsemi MBR0540T1
V 3 V to 18 V
I
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61160, TPS61161
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
TPS6116x White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm
WSON Package
1
1 Features
1
2.7-V to 18-V Input Voltage Range
26-V Open LED Protection (TPS61160)
38-V Open LED Protection (TPS61161)
200-mV Reference Voltage With ±2% Accuracy
Flexible Digital and PWM Brightness Control
Built-in Soft Start
Up to 90% Efficiency
2 Applications
Cellular Phones
Portable Media Players
Ultra Mobile Devices
GPS Receivers
White LED Backlighting for Media Form Factor
Display
3 Description
With a 40-V rated integrated switch FET, the
TPS61160 and TPS61161 are boost converters that
drive LEDs in series. The boost converters run at
600-kHz fixed switching frequency to reduce output
ripple, improve conversion efficiency, and allow for
the use of small external components.
The default white LED current is set with the external
sensor resistor RSET, and the feedback voltage is
regulated to 200 mV, as shown in the Typical
Application. During the operation, the LED current
can be controlled using the one-wire digital interface
(EasyScale™
protocol)
through
the
CTRL
pin.
Alternatively, a pulse width modulation (PWM) signal
can be applied to the CTRL pin through which the
duty
cycle
determines
the
feedback
reference
voltage.
In
either
digital
or
PWM
mode,
the
TPS61160 and TPS61161 do not burst the LED
current; therefore, they do not generate audible
noises
on
the
output
capacitor.
For
maximum
protection, the device features integrated open LED
protection
that
disable
the
TPS61160
and/or
TPS61161
to
prevent
the
output
voltage
from
exceeding the device's absolute maximum voltage
ratings during open LED conditions.
The TPS61160 and TPS61161 are available in a
space-saving, 2-mm × 2-mm WSON package with
thermal pad.
Device Information(1)
PART NUMBER
PACKAGE
OPEN LED PROTECTION
TPS61160
WSON (6)
TPS61160 use 26 V (typical)
TPS61161
TPS61161 use 38 V (typical)
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Similar Description - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
   White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com