Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61160DRVTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160DRVTG4
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160DRVTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61160DRVTG4 Datasheet HTML 4Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 5Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
300
400
500
600
700
800
900
1000
20
30
40
50
60
70
80
90
DutyCycle-%
40
50
60
70
80
90
100
0
10
20
30
40
50
10 LEDs - TPS61161
Q1
V = 3.6 V
I
V = 12 V
I
Output Current - mA
V = 5 V
I
40
50
60
70
80
90
100
0
10
20
30
40
50
OutputCurrent-mA
4(12.8V),6(19.2V)LEDs
8(25.6V),10(32V)LEDs
6LEDs
V =3.6V
I
4LEDs
8LEDs
10LEDs
40
50
60
70
80
90
100
0
10
20
30
40
50
6LEDs- TPS61160
V =3.6V
I
V =3V
I
V =4.2V
I
OutputCurrent-mA
8
TPS61160, TPS61161
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
6.7.1 Table Of Graphs
FIGURE
Efficiency TPS61160/1
VIN = 3.6 V; 4, 6, 8, 10 LEDs; L = 22 μH
Figure 1
Efficiency TPS61160
Figure 2
Efficiency TPS61161
Figure 3
Current limit
TA = 25°C
Figure 4
Current limit
Figure 5
EasyScale step
Figure 6
PWM dimming linearity
VIN = 3.6 V; PWM Freq = 10 kHz and 40 kHz
Figure 6
Output ripple at PWM dimming
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; PWM Freq = 10 kHz
Figure 8
Switching waveform
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L = 22 μH
Figure 9
Start-up
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L =22 μH
Figure 10
Open LED protection
8 LEDs; VIN = 3.6 V; ILOAD = 20 mA; L = 22 μH
Figure 11
Figure 1. Efficiency vs Output Current
Figure 2. Efficiency vs Output Current
Figure 3. Efficiency vs Output Current
Figure 4. Switch Current Limit vs Duty Cycle


Similar Part No. - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Similar Description - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com