Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61160DRVTG4 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160DRVTG4
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160DRVTG4 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS61160DRVTG4 Datasheet HTML 19Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 20Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 21Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 22Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 23Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 24Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 25Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 26Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
FLTR
pwm
FLTR
1
1
C
=
2 (R
// R )
10
f
p
2 L ED(ma x)
PW M(max)
FB
LED(min)
PW M(min)
FB
PWM(max)
PWM(min)
1
FLTR
FB LED(max)
LED(min)
LE D(max)
LED(min)
R (I
(V
V
)
I
(V
V
))
V
V
R + R
=
+
V
(I
I
)
I
I
-
-
-
-
-
-
(
)
FB
PWM(max)
PWM(min)
SET
P WM(ma x) LE D(max)
FB LED(max)
FB L ED(min )
PWM(min) L ED(min )
V
V
V
R
=
V
I
V I
+ V I
V
I
-
-
P WM(ma x)
(ma x) PWM(H)
(max)
PWM(L)
V
= D
V
+ (1
D
)V
-
PWM(min )
(min) P WM(H)
(min)
PWM(L )
V
= D
V
+ (1
D
)V
-
FLTR
)
L
(
PWM
)
H
(
PWM
FLTR
FB
FB
R
R
V
)
D
(
V
D
R
//
)
R
R
(
V
I
error
%
+
-
+
´
-
+
=
1
2
1
1
23
TPS61160, TPS61161
www.ti.com
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.2.2.1 Design Requirements
Example parameters for white LEDs with external PWM dimming:
Table 5. Design Parameters for White LEDs with External PWM Dimming
DESIGN PARAMETER
EXAMPLE VALUE
Inductor
10 µH
Minimum input voltage
3.6 V
Number of series LED
6
LED maximum forward voltage (Vf)
3.2 V
Schottky diode forward voltage (Vf)
0.2 V
Efficiency
90%
Switching frequency (fSW)
600 kHz
External PWM output voltage
3 V
External PWM frequency
20 kHz
Applying Equation 3 and Equation 4 when VIN is 3 V, 6 LEDs output equivalent to VOUT of 19.4 V, the inductor is
10 μH, the Schottky forward voltage is 0.2 V, the maximum output current is 76 mA in typical condition.
8.2.2.2 Detailed Design Procedure
8.2.2.2.1
Choosing Component Values
As per SLVA471, the values of RFLTR, CFLTR, R1, R2, and RSET are determined by the system parameters and
error tolerance. The main source of LED current error is leakage current from the FB pin. The error gets worse
as the LED current decreases. The error due to leakage current is given by Functional Block Diagram, where the
impedance seen by the FB pin has a major impact. To reduce error due to the leakage current, the impedance
seen by the FB pin needs to be small. Because R2 is much smaller than R1 + RFLTR, R2 must be chosen to be
small to minimize the impedance seen by the FB pin. In general, R2 must be chosen to be 1 kΩ or less. If greater
accuracy at smaller currents is needed, then R2 must be chosen to be even smaller.
(8)
Once R2 has been chosen, the value of RSET and R1 + RFLTR can be calculated using Equation 9, Equation 10,
Equation 11, and Equation 12. The individual values of R1 and RFLTR can be any combination that sums up to R1
+ RFLTR . In general, choosing R1 and RFLTR to be the same value gives a minimum requirement for CFLTR.
(9)
(10)
(11)
(12)
Finally, CFLTR can be chosen based on the amount of filtering desired or to provide a gradual dimming effect that
is popular in many lighting products. At a minimum, CFLTR must be chosen to provide at least 20 dB of
attenuation at the PWM frequency. Equation 13 can be used to calculate the minimum capacitor value to provide
this attenuation.
(13)


Similar Part No. - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Similar Description - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com