Electronic Components Datasheet Search |
|
TPS61160DRVTG4 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
TPS61160DRVTG4 Datasheet(HTML) 20 Page - Texas Instruments |
20 / 39 page OUT OUT IN _ DC IN V I I V u u K P IN LIM OUT _ MAX OUT I V I 2 I V § · u u K ¨ ¸ © ¹ P S OUT F IN IN 1 I 1 1 L F V V V V ª º § · u u « » ¨ ¸ « » © ¹ ¬ ¼ 20 TPS61160, TPS61161 SLVS791E – NOVEMBER 2007 – REVISED JULY 2016 www.ti.com Product Folder Links: TPS61160 TPS61161 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated Applying Equation 3 and Equation 4, when VIN is 3 V, 10 LEDs output equivalent to VOUT of 32.2 V, the inductor is 22 μH, the Schottky forward voltage is 0.2 V, the maximum output current is 47 mA in typical condition. 8.2.1.2 Detailed Design Procedure 8.2.1.2.1 Maximum Output Current The overcurrent limit in a boost converter limits the maximum input current and thus maximum input power for a given input voltage. Maximum output power is less than maximum input power due to power conversion losses. Therefore, the current limit setting, input voltage, output voltage and efficiency can all change maximum current output. The current limit clamps the peak inductor current; therefore, the ripple has to be subtracted to derive maximum DC current. The ripple current is a function of switching frequency, inductor value and duty cycle. Equation 3 and Equation 4 take into account of all the above factors for maximum output current calculation. where • Ip = inductor peak-to-peak ripple • L = inductor value • Vf = Schottky diode forward voltage • Fs = switching frequency • Vout = output voltage of the boost converter. It is equal to the sum of VFB and the voltage drop across LEDs. (3) where • Iout_max = maximum output current of the boost converter • Ilim = overcurrent limit • η = efficiency (4) For instance, when VIN is 3 V, 8 LEDs output equivalent to VOUT of 26 V, the inductor is 22 μH, the Schottky forward voltage is 0.2 V; and then the maximum output current is 65 mA in typical condition. When VIN is 5 V, 10 LEDs output equivalent to VOUT of 32 V, the inductor is 22 μH, the Schottky forward voltage is 0.2 V; and then the maximum output current is 85 mA in typical condition. 8.2.1.2.2 Inductor Selection The selection of the inductor affects steady state operation as well as transient behavior and loop stability. These factors make it the most important component in power regulator design. There are three important inductor specifications, inductor value, DC resistance and saturation current. Considering inductor value alone is not enough. The inductor value determines the inductor ripple current. Choose an inductor that can handle the necessary peak current without saturating, according to half of the peak-to-peak ripple current given by Equation 3, pause the inductor DC current given by: (5) Inductor values can have ±20% tolerance with no current bias. When the inductor current approaches saturation level, its inductance can decrease 20% to 35% from the 0A value depending on how the inductor vendor defines saturation current. Using an inductor with a smaller inductance value forces discontinuous PWM when the inductor current ramps down to zero before the end of each switching cycle. This reduces the boost converter’s maximum output current, causes large input voltage ripple and reduces efficiency. Large inductance value |
Similar Part No. - TPS61160DRVTG4 |
|
Similar Description - TPS61160DRVTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |