Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61160DRVTG4 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160DRVTG4
Description  White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61160DRVTG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS61160DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 15Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 16Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 17Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 18Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 19Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 20Page - Texas Instruments TPS61160DRVTG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
LowBit
(Logic0)
HighBit
(Logic1)
t
Low
t
High
t
LOW
t
High
EasyScaleTiming,withoutacknowledgeRFA =0
DA7
0
t
Start
StaticHigh
StaticHigh
DATA IN
t
Start
T
EOS
T
EOS
DA0
0
RFA
0
D0
1
AddressByte
DATA Byte
EasyScaleTiming,withacknowledgeRFA =1
StaticHigh
t
ACKN
Acknowledge
true,DataLine
pulleddownby
device
DATA IN
DATA OUT
Acknowledge
false,nopull
down
Controllerneedsto
PullupDataLineviaa
resistortodetect ACKN
ACKN
DA7
0
StaticHigh
T
EOS
t
valACK
DA0
0
RFA
1
D0
1
t
Start
t
Start
AddressByte
DATA Byte
17
TPS61160, TPS61161
www.ti.com
SLVS791E – NOVEMBER 2007 – REVISED JULY 2016
Product Folder Links: TPS61160 TPS61161
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 2. EasyScale Bit Descriptions
BYTE
BIT
NUMBER
NAME
TRANSMISSION
DIRECTION
DESCRIPTION
Device
Address
Byte
72 hex
7
DA7
IN
0 MSB device address
6
DA6
1
5
DA5
1
4
DA4
1
3
DA3
0
2
DA2
0
1
DA1
1
0
DA0
0 LSB device address
Data byte
7 (MSB)
RFA
IN
Request for acknowledge. If high, acknowledge is applied by device
6
A1
0 Address bit 1
5
A0
0 Address bit 0
4
D4
Data bit 4
3
D3
Data bit 3
2
D2
Data bit 2
1
D1
Data bit 1
0 (LSB)
D0
Data bit 0
ACK
OUT
Acknowledge condition active 0, this condition will only be applied in case RFA bit is
set. Open drain output, Line needs to be pulled high by the host with a pullup
resistor. This feature can only be used if the master has an open drain output stage.
In case of a push pull output stage Acknowledge condition may not be requested!
Figure 15. EasyScale Bit Coding


Similar Part No. - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160DRVTG4 TI1-TPS61160DRVTG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results

Similar Description - TPS61160DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_17 Datasheet
1Mb / 31P
White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com