Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z51F6412 Datasheet(PDF) 26 Page - Zilog, Inc.

Part # Z51F6412
Description  Power supply level that can be adjusted with potentiometer R20
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z51F6412 Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button Z51F6412 Datasheet HTML 22Page - Zilog, Inc. Z51F6412 Datasheet HTML 23Page - Zilog, Inc. Z51F6412 Datasheet HTML 24Page - Zilog, Inc. Z51F6412 Datasheet HTML 25Page - Zilog, Inc. Z51F6412 Datasheet HTML 26Page - Zilog, Inc. Z51F6412 Datasheet HTML 27Page - Zilog, Inc. Z51F6412 Datasheet HTML 28Page - Zilog, Inc. Z51F6412 Datasheet HTML 29Page - Zilog, Inc. Z51F6412 Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
UM025901-1112
Build and Run the Z51F6412 Demo Project
Z51F6412 Development Kit
User Manual
19
Build and Run the Z51F6412 Demo
Project
Observe the following procedure to build and run the Z51F6412 demo project.
If you plan to use the Keil µVision IDE, please skip to the the Using the Keil µVision IDE
on a Demo Project section on page 25.
1. Browse to the following location and double-click the build_sdcc.bat batch file to
build the project:
<Z8051 Installation>\Z8051_<version_number>\samples\Z51F6412\Demo\build_sdcc.bat
Refer to the Z8051 Tools Product User Guide (PUG0033) for additional information about
these project files and Small Device C Compiler (SDCC) development tools.
2. When the build is complete, the command window will prompt the user to press any
key to continue. Proceed by pressing any key on your keyboard; as a result, a hex file
for the demo will be created in the following path:
<Z8051 Installation>\Z8051_<version_number>\samples\Z51F6412\Demo\demo.hex
3. Set up the OCD and Development Board. If you have not already configured these
items, please return to the Configure the Z8051 OCD and Z51F6412 Development
Board section on page 16.
4. Run the Z8051 OCD software. From the Start menu, navigate to All Programs
Zilog Z8051 Software and Documentation <version_number>
Zilog Z8051
OCD <version_number>
. Once launched, the program will display Connected, as
shown in Figure 16.
If you encounter a message that says Disconnected, return to the Configure the Z8051
OCD and Z51F6412 Development Board section on page 16 to configure the proper
power-up sequence. If the problem persists, Zilog recommends that you review the Z8051
OCD Driver Installation and FTDI USB-to-UART Driver Installation sections.
Note:
Note:
Note:


Similar Part No. - Z51F6412

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z51F0410 ZILOG-Z51F0410 Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
Z51F0410HCX ZILOG-Z51F0410HCX Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
Z51F3220 ZILOG-Z51F3220 Datasheet
1Mb / 54P
   1 green LED to indicate USB power: D5
Z51F3220FNX ZILOG-Z51F3220FNX Datasheet
2Mb / 312P
   Z8051 Series 8-Bit Microcontrollers
More results

Similar Description - Z51F6412

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE431 LEIDITECH-LCE431 Datasheet
1Mb / 5P
   The output voltage can be adjusted to 36V
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
   The output voltage can be adjusted to 36V
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
   Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
logo
PHOENIX CONTACT
UMK22REL24 PHOENIX-UMK22REL24 Datasheet
50Kb / 3P
   Relay base family that can be fitted with 2 PDT relay
1025465 PHOENIX-1025465 Datasheet
68Kb / 4P
   Can be labeled on every level
logo
List of Unclassifed Man...
EE-SB5M ETC-EE-SB5M Datasheet
219Kb / 6P
   Photomicrosensor with 80-mA Switching Capacity that can be Built into Equipment
logo
ETAL Group
EXR10 ETAL-EXR10 Datasheet
170Kb / 3P
   Diagnostic functions regarding current, voltage or wiring can individually be adjusted to applications
logo
STMicroelectronics
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
   Modern motion control applications need more flexibility that can be addressed
logo
Shenzhen Huazhimei Semi...
HM4231 HMSEMI-HM4231 Datasheet
1Mb / 11P
   Button battery charge management chip that can be powered by solar panel
logo
Texas Instruments
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com