Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z51F6412 Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z51F6412
Description  Power supply level that can be adjusted with potentiometer R20
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z51F6412 Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z51F6412 Datasheet HTML 20Page - Zilog, Inc. Z51F6412 Datasheet HTML 21Page - Zilog, Inc. Z51F6412 Datasheet HTML 22Page - Zilog, Inc. Z51F6412 Datasheet HTML 23Page - Zilog, Inc. Z51F6412 Datasheet HTML 24Page - Zilog, Inc. Z51F6412 Datasheet HTML 25Page - Zilog, Inc. Z51F6412 Datasheet HTML 26Page - Zilog, Inc. Z51F6412 Datasheet HTML 27Page - Zilog, Inc. Z51F6412 Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
UM025901-1112
Configure the Z8051 OCD and Z51F6412 Development
Z51F6412 Development Kit
User Manual
17
4. Using the second USB-to-Mini-B cable, connect the standard USB end to the host
PC’s USB port.
5. Connect the other end of this second Mini-B cable to the Z51F6412 Board’s P1 con-
nector to apply power to the Board. Note that the green LED D5 is ON; see Figure 14.
Figure 15 shows an example of a completed hardware and software setup.
Figure 14. Connecting the USB Mini-B Cable to the Board


Similar Part No. - Z51F6412

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z51F0410 ZILOG-Z51F0410 Datasheet
1Mb / 184P
Z8051 Series 8-Bit Microcontrollers
Z51F0410HCX ZILOG-Z51F0410HCX Datasheet
1Mb / 184P
Z8051 Series 8-Bit Microcontrollers
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
The Z51F0811 Evaluation Board contains the following components
Z51F3220 ZILOG-Z51F3220 Datasheet
1Mb / 54P
1 green LED to indicate USB power: D5
Z51F3220FNX ZILOG-Z51F3220FNX Datasheet
2Mb / 312P
Z8051 Series 8-Bit Microcontrollers
More results

Similar Description - Z51F6412

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SB5M ETC-EE-SB5M Datasheet
219Kb / 6P
Photomicrosensor with 80-mA Switching Capacity that can be Built into Equipment
logo
Texas Instruments
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
logo
STMicroelectronics
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
Modern motion control applications need more flexibility that can be addressed
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
The output voltage can be adjusted to 36V
logo
ETAL Group
EXR10 ETAL-EXR10 Datasheet
170Kb / 3P
Diagnostic functions regarding current, voltage or wiring can individually be adjusted to applications
logo
PHOENIX CONTACT
UMK22REL24 PHOENIX-UMK22REL24 Datasheet
50Kb / 3P
Relay base family that can be fitted with 2 PDT relay
1025465 PHOENIX-1025465 Datasheet
68Kb / 4P
Can be labeled on every level
logo
Shenzhen Huazhimei Semi...
HM4231 HMSEMI-HM4231 Datasheet
1Mb / 11P
Button battery charge management chip that can be powered by solar panel
logo
Shanghai Leiditech Elec...
LCE431 LEIDITECH-LCE431 Datasheet
1Mb / 5P
The output voltage can be adjusted to 36V
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com