Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z51F6412 Datasheet(PDF) 17 Page - Zilog, Inc.

Part # Z51F6412
Description  Power supply level that can be adjusted with potentiometer R20
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z51F6412 Datasheet(HTML) 17 Page - Zilog, Inc.

Back Button Z51F6412 Datasheet HTML 13Page - Zilog, Inc. Z51F6412 Datasheet HTML 14Page - Zilog, Inc. Z51F6412 Datasheet HTML 15Page - Zilog, Inc. Z51F6412 Datasheet HTML 16Page - Zilog, Inc. Z51F6412 Datasheet HTML 17Page - Zilog, Inc. Z51F6412 Datasheet HTML 18Page - Zilog, Inc. Z51F6412 Datasheet HTML 19Page - Zilog, Inc. Z51F6412 Datasheet HTML 20Page - Zilog, Inc. Z51F6412 Datasheet HTML 21Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 54 page
background image
UM025901-1112
Install the Z8051 OCD Software and Documentation
Z51F6412 Development Kit
User Manual
10
3. Select Browse my computer for driver software (advanced) to display the dialog
shown in Figure 8, which prompts you to key in or browse for the location of the .inf
file. Depending on the type of computer you use (32- bit or 64-bit), use the Browse
button to navigate to one of the following paths, then click the Next button.
On 32-bit machines, use the following path:
<Z8051 Installation>\Z8051_<version_number>\device drivers\OCD USB\x32
On 64-bit machines, use the following path:
<Z8051 Installation>\Z8051_<version_number>\device drivers\OCD USB\x64
Figure 8. Browse For Driver Dialog, Windows Vista


Similar Part No. - Z51F6412

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z51F0410 ZILOG-Z51F0410 Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
Z51F0410HCX ZILOG-Z51F0410HCX Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
Z51F3220 ZILOG-Z51F3220 Datasheet
1Mb / 54P
   1 green LED to indicate USB power: D5
Z51F3220FNX ZILOG-Z51F3220FNX Datasheet
2Mb / 312P
   Z8051 Series 8-Bit Microcontrollers
More results

Similar Description - Z51F6412

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE431 LEIDITECH-LCE431 Datasheet
1Mb / 5P
   The output voltage can be adjusted to 36V
logo
Nanjing International G...
AZ431 DGNJDZ-AZ431 Datasheet
392Kb / 4P
   The output voltage can be adjusted to 36V
logo
VIGO Photonics S.A.
FIP VIGO-FIP Datasheet
748Kb / 2P
   Types of VIGO detectors that can be integrated with FIP preamplifier
10/11/2020
logo
PHOENIX CONTACT
UMK22REL24 PHOENIX-UMK22REL24 Datasheet
50Kb / 3P
   Relay base family that can be fitted with 2 PDT relay
1025465 PHOENIX-1025465 Datasheet
68Kb / 4P
   Can be labeled on every level
logo
List of Unclassifed Man...
EE-SB5M ETC-EE-SB5M Datasheet
219Kb / 6P
   Photomicrosensor with 80-mA Switching Capacity that can be Built into Equipment
logo
ETAL Group
EXR10 ETAL-EXR10 Datasheet
170Kb / 3P
   Diagnostic functions regarding current, voltage or wiring can individually be adjusted to applications
logo
STMicroelectronics
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
   Modern motion control applications need more flexibility that can be addressed
logo
Shenzhen Huazhimei Semi...
HM4231 HMSEMI-HM4231 Datasheet
1Mb / 11P
   Button battery charge management chip that can be powered by solar panel
logo
Texas Instruments
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com