Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z51F0811 Datasheet(PDF) 43 Page - Zilog, Inc.

Part # Z51F0811
Description  The Z51F0811 Evaluation Board contains the following components
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z51F0811 Datasheet(HTML) 43 Page - Zilog, Inc.

Back Button Z51F0811 Datasheet HTML 39Page - Zilog, Inc. Z51F0811 Datasheet HTML 40Page - Zilog, Inc. Z51F0811 Datasheet HTML 41Page - Zilog, Inc. Z51F0811 Datasheet HTML 42Page - Zilog, Inc. Z51F0811 Datasheet HTML 43Page - Zilog, Inc. Z51F0811 Datasheet HTML 44Page - Zilog, Inc. Z51F0811 Datasheet HTML 45Page - Zilog, Inc. Z51F0811 Datasheet HTML 46Page - Zilog, Inc. Z51F0811 Datasheet HTML 47Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
UM024205-1012
Schematic Diagrams
Z51F0811 Evaluation Kit
User Manual
36
Figure 31. Z51F0811 Evaluation Board, #2 of 2
TxD_U
RxD_U
VCC_5V
RXD0
TXD0
R11
100K
R12
470 ohm
P1
USB-OTG, mini-AB
VBUS
1
DM
2
DP
3
ID
4
GND
5
SH1
6
SH2
7
SH3
8
SH4
9
L1
FERRITE BEAD
R10
20.0K
C6
0.1uF
J12
HDR/PIN 1x1
1
R9
4.75K
C4
0.1uF
C3
4.7uF
J11
HDR/PIN 1x1
1
C5
0.01uF
U2
FT232RL
USBDM
16
RTS
3
RI
6
NC1
8
DTR
2
VCCIO
4
3v3 OUT
17
NC
24
RESET
19
TXD
1
USBDP
15
CBUS3
14
OSCI
27
OSCO
28
CBUS1
22
DCD
10
CTS
11
DSR
9
RXD
5
CBUS4
12
CBUS2
13
CBUS0
23
VCC
20
D4
GREEN
2
1


Similar Part No. - Z51F0811

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z51F0410 ZILOG-Z51F0410 Datasheet
1Mb / 184P
Z8051 Series 8-Bit Microcontrollers
Z51F0410HCX ZILOG-Z51F0410HCX Datasheet
1Mb / 184P
Z8051 Series 8-Bit Microcontrollers
More results

Similar Description - Z51F0811

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
This document contains the following chapters
logo
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
Provides the following
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
This board contains the different MFP?셲
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
The Split Operation has the following features:
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
Evaluation Board for the AD623
REV. 0
UG-054 AD-UG-054 Datasheet
468Kb / 8P
Setting Up the Evaluation Board for the ADP150
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com