Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z51F0811 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z51F0811
Description  The Z51F0811 Evaluation Board contains the following components
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z51F0811 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z51F0811 Datasheet HTML 7Page - Zilog, Inc. Z51F0811 Datasheet HTML 8Page - Zilog, Inc. Z51F0811 Datasheet HTML 9Page - Zilog, Inc. Z51F0811 Datasheet HTML 10Page - Zilog, Inc. Z51F0811 Datasheet HTML 11Page - Zilog, Inc. Z51F0811 Datasheet HTML 12Page - Zilog, Inc. Z51F0811 Datasheet HTML 13Page - Zilog, Inc. Z51F0811 Datasheet HTML 14Page - Zilog, Inc. Z51F0811 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
UM024205-1012
Introduction
Z51F0811 Evaluation Kit
User Manual
4
USB interface provides power and communication to the Board
Test points J11 and J12 are connected to Ground; J3–J10 are connected to GPIO pin U1
When the Board is connected to the USB port of the host PC, the green D4 LED will illu-
minate (turn ON).
Schematic diagrams of the Z51F0811 Evaluation Board are presented on pages 35 through
36 of this document.
The physical dimensions of the Board are: 1.61" x 0.76" (40.9mm x 19.3mm).


Similar Part No. - Z51F0811

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z51F0410 ZILOG-Z51F0410 Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
Z51F0410HCX ZILOG-Z51F0410HCX Datasheet
1Mb / 184P
   Z8051 Series 8-Bit Microcontrollers
More results

Similar Description - Z51F0811

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
PHOENIX CONTACT
2700949 PHOENIX-2700949 Datasheet
51Kb / 3P
   In addition to the basic functions, the Pro version of WebVisit contains the following macros
logo
Gamewell-FCI by Honeywe...
FPT-XSTAND GAMEWELL-FCI-FPT-XSTAND Datasheet
72Kb / 2P
   Provides the following
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
logo
Xilinx, Inc
DS484 XILINX-DS484 Datasheet
189Kb / 5P
   The Split Operation has the following features:
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
UG-054 AD-UG-054 Datasheet
468Kb / 8P
   Setting Up the Evaluation Board for the ADP150
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com