Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC25616C-PU Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT88SC25616C-PU
Description  CryptoMemory 256 Kbit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC25616C-PU Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT88SC25616C-PU Datasheet HTML 2Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 3Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 4Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 5Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 6Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 7Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 8Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 9Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AT88SC25616C
5017DS–SMEM–7/04
Communication
Security Modes
Communications between the device and host operate in three basic modes. Standard
mode is the default mode for the device after power-up. Authentication mode is acti-
vated by a successful authentication sequence. Encryption mode is activated by a
successful encryption activation following a successful authentication.
Note:
1. Configuration data include viewable areas of the Configuration Zone except the passwords:
MDC: Modification Detection Code
MAC: Message Authentication Code.
Security Options
Anti-tearing
In the event of a power loss during a write cycle, the integrity of the device’s stored data
may be recovered. This function is optional: the host may choose to activate the anti-
tearing function, depending on application requirements. When anti-tearing is active,
write commands take longer to execute, since more write cycles are required to com-
plete them, and data are limited to eight bytes.
Data are written first to a buffer zone in EEPROM instead of the intended destination
address, but with the same access conditions. The data are then written in the required
location. If this second write cycle is interrupted due to a power loss, the device will
automatically recover the data from the system buffer zone at the next power-up.
In 2-wire mode, the host is required to perform ACK polling for up to 20 ms after write
commands when anti-tearing is active. At power-up, the host is required to perform ACK
polling, in some cases for up to 10 ms, in the event that the device needs to carry out the
data recovery process.
Write Lock
If a user zone is configured in the write lock mode, the lowest address byte of an 8-byte
page constitutes a write access byte for the bytes of that page.
Example: The write lock byte at $080 controls the bytes from $080 to $087.
The write lock byte may also be locked by writing its least significant (rightmost) bit to
“0”. Moreover, when write lock mode is activated, the write lock byte can only be pro-
grammed – that is, bits written to “0” cannot return to “1”.
In the write lock configuration, only one byte can be written at a time. Even if several
bytes are received, only the first byte will be taken into account by the device.
Table 4. Communication Security Modes
(1)
Mode
Configuration Data
User Data
Passwords
Data Integrity Check
Standard
Clear
Clear
Clear
MDC
Authentication
Clear
Clear
Encrypted
MAC
Encryption
Clear
Encrypted
Encrypted
MAC
$080
$081
$082
$083
$084
$085
$086
$087
@
11011001
xxxx xxxx
locked
xxxx xxxx
locked
xxxx xxxx
xxxx xxxx
xxxx xxxx
locked
xxxx xxxx
xxxx xxxx
$80


Similar Part No. - AT88SC25616C-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC25616C-PU ATMEL-AT88SC25616C-PU Datasheet
438Kb / 18P
CryptoMemory 256 Kbit
AT88SC25616C-PU ATMEL-AT88SC25616C-PU Datasheet
191Kb / 20P
CryptoMemory 256 Kbit
More results

Similar Description - AT88SC25616C-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
CryptoMemory 8 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
CryptoMemory 1 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
CryptoMemory 64 Kbit
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
CryptoMemory 128 Kbit
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
CryptoMemory 256 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
CryptoMemory 32 Kbit
AT88SC25616C ATMEL-AT88SC25616C_09 Datasheet
191Kb / 20P
CryptoMemory 256 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com