Electronic Components Datasheet Search |
|
AT88SC25616C-PU Datasheet(PDF) 3 Page - ATMEL Corporation |
|
|
AT88SC25616C-PU Datasheet(HTML) 3 Page - ATMEL Corporation |
3 / 14 page 3 AT88SC25616C 5017DS–SMEM–7/04 Serial Data (SDA/IO) The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may be wired with any number of other open drain or open collector devices. An exter- nal pull-up resistor should be connected between SDA and V CC. The value of this resistor and the system capacitance loading the SDA bus will determine the rise time of SDA. This rise time will determine the maximum frequency during read operations. Low value pull-up resistors will allow higher frequency operations while drawing higher aver- age power supply current. Reset (RST) The AT88SC25616C provides an ISO 7816-3 compliant asynchronous answer to reset sequence. When the reset sequence is activated, the device will output the data pro- grammed into the 64-bit answer-to-reset register. An internal pull-up on the RST input pad allows the device to be used in synchronous mode without bonding RST. The AT88SC25616C does not support the synchronous answer-to-reset sequence. Device Architecture User Zones The EEPROM user memory is divided into 16 zones of 16,384 bits each. Multiple zones allow for different types of data or files to be stored in different zones. Access to the user zones is allowed only after security requirements have been met. These security requirements are defined by the user during the personalization of the device in the con- figuration zone. If the same security requirements are selected for multiple zones, then these zones may effectively be accessed as one larger zone. Control Logic Access to the user zones occurs only through the control logic built into the device. This logic is configurable through access registers, key registers and keys programmed into the configuration zone during device personalization. Also implemented in the control logic is a cryptographic engine for performing the various higher-level security functions of the device. Table 2. User Zones ZONE $0 $1 $2 $3 $4 $5 $6 $7 User 0 $000 2048 bytes – – $7F8 User 1 - - - User 14 $000 – – – $7F8 User 15 $000 2048 bytes – – $7F8 |
Similar Part No. - AT88SC25616C-PU |
|
Similar Description - AT88SC25616C-PU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |