Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT88SC25616C-PU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT88SC25616C-PU
Description  CryptoMemory 256 Kbit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC25616C-PU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT88SC25616C-PU Datasheet HTML 4Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 5Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 6Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 7Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 8Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 9Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 10Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 11Page - ATMEL Corporation AT88SC25616C-PU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
AT88SC25616C
5017DS–SMEM–7/04
Encryption
The data exchanged between the device and the host during read, write and verify
password commands may be encrypted to ensure data confidentiality.
The issuer may choose to require encryption for a user zone by settings made in the
configuration zone. Any one of four keys may be selected for use with a user zone. In
this case, activation of the encryption mode is required in order to read/write data in the
zone and only encrypted data will be transmitted. Even if not required, the host may
elect to activate encryption provided the proper keys are known.
Supervisor Mode
Enabling this feature allows the holder of one specific password to gain full access to all
eight password sets, including the ability to change passwords.
Modify Forbidden
No write access is allowed in a user zone protected with this feature at any time. The
user zone must be written during device personalization prior to blowing the security
fuses.
Program Only
For a user zone protected by this feature, data within the zone may be changed from a
“1” to a “0”, but never from a “0” to a “1”.
Initial Device
Programming
To enable the security features of CryptoMemory, the device must first be personalized
to set up several registers and load in the appropriate passwords and keys. This is
accomplished through programming the configuration zone of CryptoMemory using sim-
ple write and read commands. To gain access to the configuration zone, the secure
code must first be successfully presented. For the AT88SC25616C device, the secure
code is $17 C3 3A. After writing and verfiying data in the configuration zone, the security
fuses must be blown to lock this information in the device. For additional information on
personalizing CryptoMemory, please see the application notes Programming CryptoM-
emory for Embedded Applications and Initializing CryptoMemory for Smart Card
Applications (at www.Atmel.com).


Similar Part No. - AT88SC25616C-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC25616C-PU ATMEL-AT88SC25616C-PU Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC25616C-PU ATMEL-AT88SC25616C-PU Datasheet
191Kb / 20P
   CryptoMemory 256 Kbit
More results

Similar Description - AT88SC25616C-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC25616C ATMEL-AT88SC25616C_08 Datasheet
438Kb / 18P
   CryptoMemory 256 Kbit
AT88SC25616C ATMEL-AT88SC25616C_09 Datasheet
191Kb / 20P
   CryptoMemory 256 Kbit
AT88SC0104C ATMEL-AT88SC0104C_07 Datasheet
423Kb / 18P
   CryptoMemory 1 Kbit
AT88SC6416C ATMEL-AT88SC6416C_08 Datasheet
475Kb / 18P
   CryptoMemory 64 Kbit
AT88SC0808C ATMEL-AT88SC0808C_09 Datasheet
192Kb / 20P
   CryptoMemory 8 Kbit
AT88SC3216C ATMEL-AT88SC3216C_09 Datasheet
208Kb / 21P
   CryptoMemory 32 Kbit
AT88SC0808C ATMEL-AT88SC0808C Datasheet
199Kb / 14P
   CryptoMemory 8 Kbit
AT88SC0104C ATMEL-AT88SC0104C Datasheet
345Kb / 17P
   CryptoMemory 1 Kbit
AT88SC0808C ATMEL-AT88SC0808C_07 Datasheet
409Kb / 18P
   CryptoMemory 8 Kbit
AT88SC12816C ATMEL-AT88SC12816C Datasheet
453Kb / 18P
   CryptoMemory 128 Kbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com