| Electronic Components Datasheet Search |
|
ST7DALIF2 Datasheet(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7DALIF2 Datasheet(HTML) 105 Page - STMicroelectronics |
|
105 / 171 page ![]() ST7DALIF2 Serial peripheral interface (SPI) 105/171 Figure 49, shows an SPI transfer with the four combinations of the CPHA and CPOL bits. The diagram may be interpreted as a master or slave timing diagram where the SCK pin, the MISO pin, the MOSI pin are directly connected between the master and the slave device. Note: If CPOL is changed at the communication byte boundaries, the SPI must be disabled by resetting the SPE bit. Figure 49. Data clock timing diagram 17.4.5 Error flags Master mode fault (MODF) Master mode fault occurs when the master device has its SS pin pulled low. When a Master mode fault occurs: – The MODF bit is set and an SPI interrupt request is generated if the SPIE bit is set. – The SPE bit is reset. This blocks all output from the Device and disables the SPI peripheral. – The MSTR bit is reset, thus forcing the Device into slave mode. Clearing the MODF bit is done through a software sequence: SCK MSBit Bit 6 Bit 5 Bit 4 Bit3Bit 2Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3Bit 2Bit 1 LSBit MISO (from master) MOSI (from slave) SS (to slave) CAPTURE STROBE CPHA =1 MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MSBit Bit 6 Bit 5 Bit 4 Bit3 Bit 2 Bit 1 LSBit MISO (from master) MOSI SS (to slave) CAPTURE STROBE CPHA =0 Note: This figure should not be used as a replacement for parametric information. Refer to the Electrical Characteristics chapter. (from slave) (CPOL = 1) SCK (CPOL = 0) SCK (CPOL = 1) SCK (CPOL = 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |