Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA2012D2RTJTG4
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA2012D2RTJTG4 Datasheet HTML 6Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 7Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 8Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 9Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 10Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 11Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 12Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 13Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VDD = 5 V
RL = 4 W
VDD = 3.6 V
Class-AB, VDD = 5 V
WCSP
PO − Output Power − W
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
Class-AB, VDD = 5 V
RL = 4 W
RL = 4 W
RL = 8 W
Powers are per Channel
WCSP
PO − Output Power − W
RL = 8 W
Class-AB, VDD = 5 V
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
Class-AB
RL = 8 W
Powers are per Channel
QFN
PO − Output Power − W
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Class-AB, VDD = 3.6 V
RL = 4 W
RL = 8 W
RL = 4 W
RL = 8 W
Powers are per Channel
WCSP
PO − Output Power − W
Class-AB,
VDD = 3.6 V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
PO − Output Power − W
RL = 4 W
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
QFN
Class-AB
Powers are per Channel
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
0.5
1
1.5
2
2.5
Class-AB, VDD = 5 V
RL = 4 W
RL = 4 W
RL = 8 W
Powers are per Channel
QFN
PO − Output Power − W
Class-AB, VDD = 5 V
RL = 8 W
10
TPA2012D2
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 25. Power Dissipation vs Output Power
Figure 26. Efficiency vs Output Power
Figure 27. Efficiency vs Output Power
Figure 28. Power Dissipation vs Output Power
Figure 29. Power Dissipation vs Output Power
Figure 30. Efficiency vs Output Power


Similar Part No. - TPA2012D2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJTG4 TI-TPA2012D2RTJTG4 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com