Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA2012D2RTJTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2012D2RTJTG4
Description  2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2012D2RTJTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA2012D2RTJTG4 Datasheet HTML 4Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 5Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 6Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 7Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 8Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 9Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 10Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 11Page - Texas Instruments TPA2012D2RTJTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
−100
−90
−80
−70
−60
−50
−40
−30
100
1 k
10 k
Inputs AC Grounded,
CI = 1 F,
m
RI = 8 ,
W
AV = 6 dB
VDD = 2.7 V
VDD = 5 V
VDD = 3.6 V
f − Frequency − Hz
20 k
20
−100
−90
−80
−70
−60
−50
−40
−30
100
1 k
10 k
Inputs AC, Grounded,
CI = 1 F,
m
RI = 4 W
AV = 6 dB
VDD = 2.7 V
VDD = 5 V
VDD = 3.6 V
f − Frequency − Hz
20 k
20
−120
−100
−80
−60
−40
−20
0
100
1 k
10 k
f − Frequency − Hz
2.5 V R to L
2.5 V L to R
3.6 V L to R
3.6 V R to L
5 V R to L
5 V L to R
20 k
20
RI = 4
−140
−120
−100
−80
−60
−40
−20
0
100
1 k
10 k
f − Frequency − Hz
2.5 V R to L
5 V R to L
3.6 V R to L
5 V L to R
3.6 V L to R
RI = 8
20 k
20
2.5 V L to R
0
200
400
600
800
1000
1200
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
VDD = 2.5 V, RL = 4 , 33 H
W
m
IDD is for Both Channels
VDD = 5 V, RL = 4 , 33 H
W
m
VDD = 3.6 V, RL = 4 , 33 H
W
m
PO − Output Power/Channel − W
0
100
200
300
400
500
600
700
800
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
VDD = 2.5 V, RL = 8 , 33 H
W
m
VDD = 3.6 V, RL = 8 , 33 H
W
m
VDD = 5 V, RL = 8 , 33 H
W
m
IDD is for Both Channels
PO − Output Power/Channel − W
8
TPA2012D2
SLOS438F – DECEMBER 2004 – REVISED MARCH 2017
www.ti.com
Product Folder Links: TPA2012D2
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Supply Current vs Output Power
Figure 14. Supply Current vs Output Power
Figure 15. Crosstalk vs Frequency
Figure 16. Crosstalk vs Frequency
Figure 17. Power Supply Rejection Ratio
vs Frequency
Figure 18. Power Supply Rejection Ratio
vs Frequency


Similar Part No. - TPA2012D2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2RTJTG4 TI-TPA2012D2RTJTG4 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA2012D2RTJTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2_07 Datasheet
757Kb / 20P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com